データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQD3N50CTF データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FQD3N50CTF
部品情報  500V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD3N50CTF データシート(HTML) 1 Page - Fairchild Semiconductor

  FQD3N50CTF Datasheet HTML 1Page - Fairchild Semiconductor FQD3N50CTF Datasheet HTML 2Page - Fairchild Semiconductor FQD3N50CTF Datasheet HTML 3Page - Fairchild Semiconductor FQD3N50CTF Datasheet HTML 4Page - Fairchild Semiconductor FQD3N50CTF Datasheet HTML 5Page - Fairchild Semiconductor FQD3N50CTF Datasheet HTML 6Page - Fairchild Semiconductor FQD3N50CTF Datasheet HTML 7Page - Fairchild Semiconductor FQD3N50CTF Datasheet HTML 8Page - Fairchild Semiconductor FQD3N50CTF Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2008 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FQD3N50C / FQU3N50C Rev. B
March 2008
QFET
®
FQD3N50C / FQU3N50C
500V N-Channel MOSFET
Features
• 2.5A, 500V, RDS(on) = 2.5Ω @VGS = 10 V
• Low gate charge ( typical 10 nC)
• Low Crss ( typical 8.5pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• RoHS compliant
Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar
stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize
on-state
resistance,
provide
superior
switching
performance, and withstand high energy pulse in the avalanche
and commutation mode. These devices are well suited for high
efficient switched mode power supplies, active power factor
correction, electronic lamp ballast based on half bridge
topology.
Absolute Maximum Ratings
Thermal Characteristics
D
G
S
I-PAK
FQU Series
D-PAK
FQD Series
GS
D
GS
D
Symbol
Parameter
FQD3N50C/FQU3N50C
Units
VDSS
Drain-Source Voltage
500
V
ID
Drain Current
- Continuous (TC = 25°C)
2.5
A
- Continuous (TC = 100°C)
1.5
A
IDM
Drain Current
- Pulsed
(Note 1)
10
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
200
mJ
IAR
Avalanche Current
(Note 1)
2.5
A
EAR
Repetitive Avalanche Energy
(Note 1)
3.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
35
W
- Derate above 25°C
0.28
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
3.5
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient*
--
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
110
°C/W
* When mounted on the minimum pad size recommended (PCB Mount)


同様の部品番号 - FQD3N50CTF

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQD3N50CTF FAIRCHILD-FQD3N50CTF Datasheet
907Kb / 9P
   500V N-Channel MOSFET
More results

同様の説明 - FQD3N50CTF

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com