データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDS5682 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDS5682
部品情報  N-Channel PowerTrench MOSFET 60V, 7.5A, 21m ohm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS5682 データシート(HTML) 3 Page - Fairchild Semiconductor

  FDS5682_08 Datasheet HTML 1Page - Fairchild Semiconductor FDS5682_08 Datasheet HTML 2Page - Fairchild Semiconductor FDS5682_08 Datasheet HTML 3Page - Fairchild Semiconductor FDS5682_08 Datasheet HTML 4Page - Fairchild Semiconductor FDS5682_08 Datasheet HTML 5Page - Fairchild Semiconductor FDS5682_08 Datasheet HTML 6Page - Fairchild Semiconductor FDS5682_08 Datasheet HTML 7Page - Fairchild Semiconductor FDS5682_08 Datasheet HTML 8Page - Fairchild Semiconductor FDS5682_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FDS5682 Rev. A1
www.fairchildsemi.com
3
Switching Characteristics (VGS = 10V)
tON
Turn-On Time
VDD = 30V, ID = 7.5A
VGS = 10V, RGS = 11Ω
-
-
33
ns
td(ON)
Turn-On Delay Time
-
9
-
ns
tr
Rise Time
-
13
-
ns
td(OFF)
Turn-Off Delay Time
-
67
-
ns
tf
Fall Time
-
17
-
ns
tOFF
Turn-Off Time
-
-
126
ns
Drain-Source Diode Characteristics
VSD
Source to Drain Diode Voltage
ISD = 7.5A
-
-
1.25
V
ISD = 2.1A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 7.5A, dISD/dt=100A/µs
-
-
33
ns
QRR
Reverse Recovered Charge
ISD = 7.5A, dISD/dt=100A/µs
-
-
29
nC
Notes:
1: Starting TJ = 25°C, L = 1mH, IAS = 13.7A, VDD = 60V, VGS = 10V.
2: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the
drain pins. RθJC is guaranteed by design while RθJA is determined by the user’s board design.
3: RθJA is measured with 1.0 in
2 copper on FR-4 board.


同様の部品番号 - FDS5682_08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS5682_NL FAIRCHILD-FDS5682_NL Datasheet
388Kb / 12P
   N-Channel PowerTrench MOSFET
More results

同様の説明 - FDS5682_08

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS3672 FAIRCHILD-FDS3672 Datasheet
266Kb / 11P
   N-Channel PowerTrench MOSFET 100V, 7.5A, 22m?
FDS5680 FAIRCHILD-FDS5680 Datasheet
261Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
   60V N-Channel PowerTrench??MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS5690 FAIRCHILD-FDS5690 Datasheet
236Kb / 8P
   60V N-Channel PowerTrench MOSFET
FDS5170N7 FAIRCHILD-FDS5170N7 Datasheet
201Kb / 6P
   60V N-Channel PowerTrench MOSFET
FDP5645 FAIRCHILD-FDP5645 Datasheet
422Kb / 10P
   60V N-Channel PowerTrench MOSFET
FDD5612 FAIRCHILD-FDD5612 Datasheet
147Kb / 5P
   60V N-Channel PowerTrench??MOSFET
SI4450DY FAIRCHILD-SI4450DY Datasheet
98Kb / 5P
   60V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com