データシートサーチシステム |
|
MC13202FCR2 データシート(PDF) 3 Page - Freescale Semiconductor, Inc |
|
MC13202FCR2 データシート(HTML) 3 Page - Freescale Semiconductor, Inc |
3 / 30 page MC13202 Technical Data, Rev. 1.4 Freescale Semiconductor 3 • Integrated transmit/receive switch • Dual PA output pairs which can be programmed for full differential single port or dual port operation that supports an external LNA and/or PA • Three power down modes for increased battery life — < 1 µA Off current — 1.0 µA Typical Hibernate current — 35 µA Typical Doze current (no CLKO) • Programmable frequency clock output (CLKO) for use by MCU • Onboard trim capability for 16 MHz crystal reference oscillator eliminates need for external variable capacitors and allows for automated production frequency calibration • Four internal timer comparators available to supplement MCU timer resources • Supports both Packet Mode and Streaming Mode data transfer • Buffered transmit and receive data packets for simplified use with low cost MCUs • Seven GPIO to supplement MCU GPIO • Operating temperature range: -40 °C to 85 °C • Small form factor QFN-32 Package — Meets moisture sensitivity level (MSL) 3 — 260 °C peak reflow temperature — Meets lead-free requirements 2.1 Software Features Freescale provides a wide range of software functionality to complement the MC13202 hardware. There are three levels of application solutions: 1. Simple proprietary wireless connectivity. 2. User networks built on the 802.15.4 MAC standard. 3. ZigBee-compliant network stack. 2.1.1 Simple MAC (SMAC) • Small memory footprint (about 3 Kbytes typical) • Supports point-to-point and star network configurations • Proprietary networks • Source code and application examples provided |
同様の部品番号 - MC13202FCR2 |
|
同様の説明 - MC13202FCR2 |