データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC34911BAC データシート(PDF) 4 Page - Freescale Semiconductor, Inc

部品番号 MC34911BAC
部品情報  LIN System Basis Chip with DC Motor Pre-driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34911BAC データシート(HTML) 4 Page - Freescale Semiconductor, Inc

  MC34911BAC Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34911BAC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33911
PIN CONNECTIONS
12
WDCONF
Watchdog
Configuration Pin
This input pin is for configuration of the watchdog period and
allows the disabling of the watchdog.
13
LIN
LIN Bus
This pin represents the single-wire bus transmitter and receiver.
14
LGND
LIN Ground Pin
This pin is the device LIN ground connection. It is internally connected to the
PGND pin.
17
19
LS2
LS1
Low Side Outputs
Relay drivers low side outputs.
18
PGND
Power Ground Pin
This pin is the device low side ground connection. It is internally connected to
the LGND pin.
22
23
L2
L1
Wake-Up Inputs
These pins are the wake-up capable digital inputs(1). In addition, all LX inputs
can be sensed analog via the analog multiplexer.
25
HS1
High Side Output
High side switch output.
26
27
VS2
VS1
Power Supply Pin
These pins are device battery level power supply pins. VS2 is supplying the
HS1 driver while VS1 supplies the remaining blocks.(2)
29
VSENSE
Voltage Sense Pin
Battery voltage sense input. (3)
31
VDD
Voltage Regulator
Output
+5.0V main voltage regulator output pin. (4)
32
AGND
Analog Ground Pin
This pin is the device analog ground connection.
Notes
1.
When used as a digital input, a series 33k
Ω resistor must be used to protect against automotive transients.
2.
Reverse battery protection series diodes must be used externally to protect the internal circuitry.
3.
This pin can be connected directly to the battery line for voltage measurements. The pin is self-protected against reverse battery
connections. It is strongly recommended to connect a 10k
Ω resistor in series with this pin for protection purposes.
4.
External capacitor (2µF < C < 100µF; 0.1
Ω < ESR < 10Ω) required.
Table 1. 33911 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 20.
Pin
Pin Name
Formal Name
Definition


同様の部品番号 - MC34911BAC

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC34911BAC FREESCALE-MC34911BAC Datasheet
1Mb / 92P
   LIN System Basis Chip with DC Motor Pre-driver
More results

同様の説明 - MC34911BAC

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC33911 FREESCALE-MC33911_10 Datasheet
1Mb / 92P
   LIN System Basis Chip with DC Motor Pre-driver
33912 FREESCALE-33912 Datasheet
870Kb / 47P
   LIN System Basis Chip with DC Motor Pre-driver and Current
MC33912 FREESCALE-MC33912_10 Datasheet
2Mb / 94P
   LIN System Basis Chip with DC Motor Pre-driver and Current Sense
logo
ATMEL Corporation
ATA6833 ATMEL-ATA6833 Datasheet
600Kb / 25P
   BLDC Motor Driver and LIN System Basis Chip
ATA6833 ATMEL-ATA6833_09 Datasheet
666Kb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA6843 ATMEL-ATA6843_14 Datasheet
1Mb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA6844 ATMEL-ATA6844_14 Datasheet
1Mb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
   System Basis Chip with LIN transceiver
logo
Freescale Semiconductor...
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
   LIN System Basis Chip with High
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com