データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MCZ33972TEW データシート(PDF) 3 Page - Freescale Semiconductor, Inc

部品番号 MCZ33972TEW
部品情報  Multiple Switch Detection Interface with Suppressed Wake-Up
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33972TEW データシート(HTML) 3 Page - Freescale Semiconductor, Inc

  MCZ33972TEW Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33972TEW Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33972
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 33972 Simplified Internal Block Diagram
+
5.0 V
125k
Ω
VDD
Analog Mux
Output
VPWR, VDD, 5.0V
POR
Oscillator
Clock Control
Bandgap
Sleep PWR
40
μA
SPI Interface
and Control
WAKE
Control
INT
Control
Temperature
Monitor and
Control
MUX Interface
SP0
SP1
SG0
SP2
SP3
SP4
SP5
SP6
SP7
SG2
SG1
SG3
SG4
SG5
SG6
SG7
SG8
SG9
SG10
SG11
SG12
SG13
WAKE
INT
SCLK
CS
SO
AMUX
SI
VDD
VPWR
GND
VPWR
5.0V
VPWR
5.0V
5.0V
VPWR
VDD
VDD
and
5.0V
+
4.0V
Comparator
To
VPWR
SG0
SPI
Ref
2.0
mA
16.0
mA
VPWR
5.0 V
125k
Ω
VDD
2.0
+
4.0V
Comparator
To
VPWR
SP7
SPI
Ref
mA
2.0
mA
16.0
mA
16.0
mA
VPWR
2.0
+
4.0V
Comparator
To
VPWR
SP0
SPI
Ref
mA
2.0
mA
16.0
mA
16.0
mA
VPWR
+
4.0V
Comparator
To
VPWR
SG13
SPI
Ref
2.0
mA
16.0
mA
VPWR


同様の部品番号 - MCZ33972TEW

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MCZ33972TEW/R2 FREESCALE-MCZ33972TEW/R2 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
More results

同様の説明 - MCZ33972TEW

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
33975 FREESCALE-33975_08 Datasheet
1Mb / 34P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
   Multiple Switch Detection Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com