データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145026D データシート(PDF) 1 Page - Freescale Semiconductor, Inc

部品番号 MC145026D
部品情報  Encoder and Decoder Pairs CMOS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145026D データシート(HTML) 1 Page - Freescale Semiconductor, Inc

  MC145026D Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Freescale Semiconductor, Inc., 2005. All rights reserved.
Freescale Semiconductor
Technical Data
Freescale reserves the right to change the detail specifications as may be required to permit improvements in the design of its
products.
MC145026/D
Rev. 4, 1/2005
MC145026, MC145027
MC145028
D Suffix
SOG Package
Case751B
P Suffix
Plastic DIP
Case 648
DW Suffix
SOG Package
Case 751G
16
1
16
1
16
1
Ordering Information
Device
Package
MC145026P
Plastic DIP
MC145026D
SOG Package
MC145027P
Plastic DIP
MC145027DW
SOG Package
MC145028P
Plastic DIP
MC145028DW
SOG Package
1
Introduction
These devices are designed to be used as
encoder/decoder pairs in remote control applications.
The MC145026 encodes nine lines of information and
serially sends this information upon receipt of a transmit
enable (TE) signal. The nine lines may be encoded with
trinary data (low, high, or open) or binary data (low or
high). The words are transmitted twice per encoding
sequence to increase security.
The MC145027 decoder receives the serial stream and
interprets five of the trinary digits as an address code.
Thus, 243 addresses are possible. If binary data is used at
the encoder, 32 addresses are possible. The remaining
serial information is interpreted as four bits of binary
data. The valid transmission (VT) output goes high on
the MC145027 when two conditions are met. First, two
addresses must be consecutively received (in one
encoding sequence) which both match the local address.
Second, the 4 bits of data must match the last valid data
received. The active VT indicates that the information at
the Data output pins has been updated.
MC145026, MC145027,
MC145028
Encoder and Decoder Pairs
CMOS
Contents
1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2 Electrical Specifications . . . . . . . . . . . . . . . . 4
3 Operating Characteristics . . . . . . . . . . . . . . . 8
4 Pin Descriptions . . . . . . . . . . . . . . . . . . . . . . . 9
5 MC145027 and MC145028 Timing . . . . . . . . 16
6 Package Dimensions . . . . . . . . . . . . . . . . . . 18


同様の部品番号 - MC145026D

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC145026D MOTOROLA-MC145026D Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
LANSDALE Semiconductor ...
MC145026D LANSDALE-MC145026D Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145026D FREESCALE-MC145026D Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
More results

同様の説明 - MC145026D

メーカー部品番号データシート部品情報
logo
Motorola, Inc
SC41344 MOTOROLA-SC41344 Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
LANSDALE Semiconductor ...
ML145026 LANSDALE-ML145026 Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
logo
List of Unclassifed Man...
SPRC201A ETC1-SPRC201A Datasheet
1Mb / 18P
   10 FUNCTIONS REMOTE CONTROL ENCODER/DECODER PAIRS
logo
Intersil Corporation
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com