データシートサーチシステム |
|
HCPL2531M データシート(PDF) 4 Page - Fairchild Semiconductor |
|
HCPL2531M データシート(HTML) 4 Page - Fairchild Semiconductor |
4 / 13 page ©2008 Fairchild Semiconductor Corporation www.fairchildsemi.com 6N13XM, HCPLXXXM Rev. 1.0.1 4 PRELIMINARY Electrical Characteristics (Continued) (T A = 0 to 70°C unless otherwise specified) Transfer Characteristics *All Typicals at TA = 25°C Note: 5. Current Transfer Ratio is defined as a ratio of output collector current, IO, to the forward LED input current, IF, times 100%. Symbol Parameter Test Conditions Device Min. Typ.* Max. Unit COUPLED CTR Current Transfer Ratio(5) IF = 16mA, VO = 0.4 V, VCC = 4.5V, TA =25°C 6N135M HCPL2530M 718 50 % 6N136M HCPL4502M HCPL4503M HCPL2531M 19 30 50 % HCPL2503M 12 27 % IF = 16mA, VCC = 4.5V VOL = 0.4V 6N135M 5 21 % VOL = 0.5V HCPL2530M VOL = 0.4V 6N136M HCPL4502M HCPL4503M 15 30 % VOL = 0.5V HCPL2531M VOL = 0.4V HCPL2503M 9 30 % VOL Logic LOW Output Voltage IF = 16mA, IO = 1.1mA, VCC = 4.5V, TA =25°C 6N135M 0.10 0.4 V HCPL2530M 0.10 0.5 IF = 16mA, IO = 3mA, VCC = 4.5V, TA =25°C 6N136M HCPL2503M HCPL4503M 0.15 0.4 HCPL2531M 0.15 0.5 IF = 16mA, IO = 0.8mA, VCC = 4.5V 6N135M HCPL2530M 0.5 IF = 16mA, IO = 2.4mA, VCC = 4.5V HCPL4502M HCPL4503M HCPL2531M 0.5 |
同様の部品番号 - HCPL2531M |
|
同様の説明 - HCPL2531M |