データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK1318 データシート(PDF) 3 Page - Renesas Technology Corp

部品番号 2SK1318
部品情報  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1318 データシート(HTML) 3 Page - Renesas Technology Corp

  2SK1318 Datasheet HTML 1Page - Renesas Technology Corp 2SK1318 Datasheet HTML 2Page - Renesas Technology Corp 2SK1318 Datasheet HTML 3Page - Renesas Technology Corp 2SK1318 Datasheet HTML 4Page - Renesas Technology Corp 2SK1318 Datasheet HTML 5Page - Renesas Technology Corp 2SK1318 Datasheet HTML 6Page - Renesas Technology Corp 2SK1318 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK1318
Rev.2.00 Sep 07, 2005 page 3 of 6
Main Characteristics
60
40
20
0
50
100
150
Case Temperature TC (°C)
Power vs. Temperature Derating
100
10
1
0.1
10
100
1,000
Drain to Source Voltage VDS (V)
30
3
0.3
1
3
30
300
Ta = 25
°C
1 ms
DC
Operation
(T
C =
25
°C)
PW
=
10
m
s (1
Shot)
Operation in this Area
Limited by R
DS (on)
Maximum Safe Operation Area
10
µs
20
410
Drain to Source Voltage VDS (V)
16
4
26
8
Pulse Test
0
8
12
3 V
2.5 V
VGS = 2.0 V
4 V
10 V
Typical Output Characteristics
20
25
Gate to Source Voltage VGS (V)
16
4
13
4
–25
°C
0
8
12
VDS = 10 V
Pulse Test
75
°C
TC = 25°C
Typical Transfer Characteristics
5
820
Gate to Source Voltage VGS (V)
4
1
412
16
0
2
3
10 A
ID = 20 A
Pulse Test
5 A
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
1
250
Drain Current ID (A)
0.5
0.02
15
20
0.5
0.1
0.2
0.05
0.01
10
10 V
VGS = 4 V
Pulse Test
Static Drain to Source on State
Resistance vs. Drain Current


同様の部品番号 - 2SK1318

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
2SK1318 HITACHI-2SK1318 Datasheet
63Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
logo
VBsemi Electronics Co.,...
2SK1318 VBSEMI-2SK1318 Datasheet
2Mb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK1318 ISC-2SK1318 Datasheet
296Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - 2SK1318

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com