データシートサーチシステム |
|
2SK1667 データシート(PDF) 2 Page - Renesas Technology Corp |
|
2SK1667 データシート(HTML) 2 Page - Renesas Technology Corp |
2 / 7 page 2SK1667 Rev.2.00 Sep 07, 2005 page 2 of 6 Absolute Maximum Ratings (Ta = 25°C) Item Symbol Ratings Unit Drain to source voltage VDSS 250 V Gate to source voltage VGSS ±30 V Drain current ID 7 A Drain peak current ID(pulse) *1 28 A Body to drain diode reverse drain current IDR 7 A Channel dissipation Pch *2 50 W Channel temperature Tch 150 °C Storage temperature Tstg –55 to +150 °C Notes: 1. PW ≤ 10 µs, duty cycle ≤ 1% 2. Value at TC = 25°C Electrical Characteristics (Ta = 25°C) Item Symbol Min Typ Max Unit Test conditions Drain to source breakdown voltage V(BR)DSS 250 — — V ID = 10 mA, VGS = 0 Gate to source breakdown voltage V(BR)GSS ±30 — — V IG = ±100 µA, VDS = 0 Gate to source leak current IGSS — — ±10 µA VGS = ±25 V, VDS = 0 Zero gate voltage drain current IDSS — — 250 µA VDS = 200 V, VGS = 0 Gate to source cutoff voltage VGS(off) 2.0 — 3.0 V ID = 1 mA, VDS = 10 V Static drain to source on state resistance RDS(on) — 0.4 0.55 Ω ID = 4 A, VGS = 10 V * 3 Forward transfer admittance |yfs| 3.0 5.0 — S ID = 4 A, VDS = 10 V * 3 Input capacitance Ciss — 690 — pF Output capacitance Coss — 265 — pF Reverse transfer capacitance Crss — 45 — pF VDS = 10 V, VGS = 0, f = 1 MHz Turn-on delay time td(on) — 13 — ns Rise time tr — 55 — ns Turn-off delay time td(off) — 65 — ns Fall time tf — 37 — ns ID = 4 A, VGS = 10 V, RL = 7.5 Ω Body to drain diode forward voltage VDF — 1.0 — V IF = 7 A, VGS = 0 Body to drain diode reverse recovery time trr — 180 — ns IF = 7 A, VGS = 0, diF/dt = 100 A/ µs Note: 1. Pulse test |
同様の部品番号 - 2SK1667 |
|
同様の説明 - 2SK1667 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |