データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK2735 データシート(PDF) 2 Page - Renesas Technology Corp

部品番号 2SK2735
部品情報  Silicon N Channel MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2735 データシート(HTML) 2 Page - Renesas Technology Corp

  2SK2735 Datasheet HTML 1Page - Renesas Technology Corp 2SK2735 Datasheet HTML 2Page - Renesas Technology Corp 2SK2735 Datasheet HTML 3Page - Renesas Technology Corp 2SK2735 Datasheet HTML 4Page - Renesas Technology Corp 2SK2735 Datasheet HTML 5Page - Renesas Technology Corp 2SK2735 Datasheet HTML 6Page - Renesas Technology Corp 2SK2735 Datasheet HTML 7Page - Renesas Technology Corp 2SK2735 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SK2735(L), 2SK2735(S)
Rev.2.00 Sep 07, 2005 page 2 of 7
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
30
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
20
A
Drain peak current
ID(pulse)*
1
80
A
Body to drain diode reverse drain current
IDR
20
A
Channel dissipation
Pch*
2
20
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1 %
2. Value at Tc = 25
°C
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
30
V
ID = 10 mA, VGS = 0
Gate to source breakdown voltage
V(BR)GSS
±20
V
IG =
±100 µA, VDS = 0
Gate to source leak current
IGSS
±10
µA
VGS =
±16 V, VDS = 0
Zero gate voltage drain current
IDSS
10
µA
VDS = 30 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.0
2.0
V
ID = 1 mA, VDS = 10 V
RDS(on)
20
28
m
ID = 10 A, VGS = 10 V*
3
Static drain to source on state
resistance
RDS(on)
35
50
m
ID = 10 A, VGS = 4 V*
3
Forward transfer admittance
|yfs|
8
16
S
ID = 10 A, VDS = 10 V*
3
Input capacitance
Ciss
750
pF
Output capacitance
Coss
520
pF
Reverse transfer capacitance
Crss
210
pF
VDS = 10 V, VGS = 0,
f = 1 MHz
Turn-on delay time
td(on)
16
ns
Rise time
tr
225
ns
Turn-off delay time
td(off)
85
ns
Fall time
tf
90
ns
ID = 10 A, VGS = 10 V,
RL = 1
Body to drain diode forward voltage
VDF
1.0
V
IF = 20 A, VGS = 0
diF/ dt = 50 A/
µs
Body to drain diode reverse recovery
time
trr
40
V
IF = 20 A, VGS = 0
diF/ dt = 50A/
µs
Note:
3. Pulse test


同様の部品番号 - 2SK2735

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
2SK2735 HITACHI-2SK2735 Datasheet
39Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2735L HITACHI-2SK2735L Datasheet
39Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
logo
VBsemi Electronics Co.,...
2SK2735L VBSEMI-2SK2735L Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK2735L ISC-2SK2735L Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Hitachi Semiconductor
2SK2735S HITACHI-2SK2735S Datasheet
39Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

同様の説明 - 2SK2735

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com