データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK2788VYTL-E データシート(PDF) 4 Page - Renesas Technology Corp

部品番号 2SK2788VYTL-E
部品情報  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2788VYTL-E データシート(HTML) 4 Page - Renesas Technology Corp

  2SK2788VYTL-E Datasheet HTML 1Page - Renesas Technology Corp 2SK2788VYTL-E Datasheet HTML 2Page - Renesas Technology Corp 2SK2788VYTL-E Datasheet HTML 3Page - Renesas Technology Corp 2SK2788VYTL-E Datasheet HTML 4Page - Renesas Technology Corp 2SK2788VYTL-E Datasheet HTML 5Page - Renesas Technology Corp 2SK2788VYTL-E Datasheet HTML 6Page - Renesas Technology Corp 2SK2788VYTL-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SK2788
Rev.2.00 Sep. 07, 2005 page 4 of 6
Case Temperature TC (°C)
Static Drain to Source on State
Resistance vs. Temperature
Forward Transfer Admittance
vs. Drain Current
Drain Current ID (A)
Body to Drain Diode Reverse
Recovery Time
Reverse Drain Current IDR (A)
Typical Capacitance
vs. Drain to Source Voltage
Drain to Source Voltage VDS (V)
Dynamic Input Characteristics
Gate Charge Qg (nc)
Switching Characteristics
Drain Current ID (A)
0.5
0.4
0.3
0.2
0.1
–40
0
40
80
120
160
0
0.1
0.2
0.5
1
2
5
10
10
5
1
2
0.2
0.5
0.1
VGS = 4 V
10 V
1, 2 A
1 A
2 A
25
°C
Tc = –25
°C
75
°C
Pulse Test
VDS = 10 V
Pulse Test
0.1
0.2
0.5
1
2
5
10
010
20
30
40
50
1000
200
500
100
10
20
50
100
80
60
40
20
0
20
16
12
8
4
246
8
10
0
100
50
10
20
2
5
1
500
200
50
100
10
20
5
di / dt = 50 A /
µs
VGS = 0, Ta = 25°C
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
ID = 2 A
VGS
VDS
VDD = 50 V
25 V
10 V
VDD = 10 V
25 V
50 V
0.1
0.2
0.5
1
2
5
10
VGS = 10 V, VDD = 30 V
PW = 5
µs, duty < 1 %
tf
tr
td(on)
td(off)


同様の部品番号 - 2SK2788VYTL-E

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
2SK2788VYTL-E RENESAS-2SK2788VYTL-E Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

同様の説明 - 2SK2788VYTL-E

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com