データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK1315 データシート(PDF) 5 Page - Renesas Technology Corp

部品番号 2SK1315
部品情報  Silicon N-Channel MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1315 データシート(HTML) 5 Page - Renesas Technology Corp

  2SK1315 Datasheet HTML 1Page - Renesas Technology Corp 2SK1315 Datasheet HTML 2Page - Renesas Technology Corp 2SK1315 Datasheet HTML 3Page - Renesas Technology Corp 2SK1315 Datasheet HTML 4Page - Renesas Technology Corp 2SK1315 Datasheet HTML 5Page - Renesas Technology Corp 2SK1315 Datasheet HTML 6Page - Renesas Technology Corp 2SK1315 Datasheet HTML 7Page - Renesas Technology Corp 2SK1315 Datasheet HTML 8Page - Renesas Technology Corp 2SK1315 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SK1315(L)(S), 2SK1316(L)(S)
3
Electrical Characteristics (Ta = 25
°C)
Item
Symbol Min
Typ
Max
Unit
Test conditions
Drain to source
2SK1315 V
(BR)DSS
450
V
I
D = 10 mA, VGS = 0
breakdown voltage
2SK1316
500
Gate to source breakdown
voltage
V
(BR)GSS
±30
——V
I
G = ±100 µA, VDS = 0
Gate to source leak current
I
GSS
——
±10
µAV
GS = ±25 V, VDS = 0
Zero gate voltage
2SK1315 I
DSS
250
µAV
DS = 360 V, VGS = 0
drain current
2SK1316
V
DS = 400 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
2.0
3.0
V
I
D = 1 mA, VDS = 10 V
Static Drain to source 2SK1315 R
DS(on)
0.55
0.7
I
D = 4 A, VGS = 10 V *
1
on state resistance
2SK1316
0.60
0.8
Forward transfer admittance
|yfs|
4.5
7.5
S
I
D = 4 A, VDS = 10 V *
1
Input capacitance
Ciss
1150
pF
V
DS = 10 V, VGS = 0,
Output capacitance
Coss
340
pF
f = 1 MHz
Reverse transfer capacitance
Crss
55
pF
Turn-on delay time
t
d(on)
17
ns
I
D = 4 A, VGS = 10 V,
Rise time
t
r
55
ns
R
L = 7.5 Ω
Turn-off delay time
t
d(off)
100
ns
Fall time
t
f
—45
ns
Body to drain diode forward
voltage
V
DF
0.9
V
I
F = 8 A, VGS = 0
Body to drain diode reverse
recovery time
t
rr
350
ns
I
F = 8 A, VGS = 0,
di
F/dt = 100 A/µs
Note:
1. Pulse test
See characteristic curves of 2SK1159, 2SK1160.


同様の部品番号 - 2SK1315

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
2SK1315 HITACHI-2SK1315 Datasheet
30Kb / 6P
   Silicon N-Channel MOS FET
2SK1315L HITACHI-2SK1315L Datasheet
30Kb / 6P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1315L ISC-2SK1315L Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Hitachi Semiconductor
2SK1315S HITACHI-2SK1315S Datasheet
30Kb / 6P
   Silicon N-Channel MOS FET
logo
VBsemi Electronics Co.,...
2SK1315S VBSEMI-2SK1315S Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

同様の説明 - 2SK1315

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com