データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


AM26LV31EIDR データシート(Datasheet) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号. AM26LV31EIDR
部品情報  LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH ±15-kV IEC ESD PROTECTION
ダウンロード  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo 

 7 page
background image
Input
tPZH
tPHZ
VCC
50%
50%
0 V
Output
VOH
50%
VOLTAGE WAVEFORMS
Voff ≈ 0
0.3 V
NOTES: A. CL includes probe and jig capacitance.
B.
r and tf ≤ 2 ns.
C. To test the active-low enable G, ground G and apply an inverted waveform to G.
S1
Generator
(see Note B)
50 Ω
VCC
RL = 110 Ω
CL = 40 pF
(see Note A)
VCC
(see Note C)
Output
TEST CIRCUIT
A
Y
G
G
Z
AM26LV31E
www.ti.com............................................................................................................................................................... SLLS848A – APRIL 2008 – REVISED MAY 2008
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 3. Test Circuit and Voltage Waveforms, tPZH and tPHZ
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): AM26LV31E




Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
TRS3243E3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV IEC ESD PROTECTION 1 2 3 4 5 MoreTexas Instruments
MAX3227E3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV IEC ESD PROTECTION 1 2 3 4 5 MoreTexas Instruments
SN65C3232E_073-V TO 5.5-V TWO-CHANNEL RS-232 1-MBIT/S LINE DRIVERS/RECEIVERS WITH ±15-kV IEC ESD PROTECTION 1 2 3 4 5 MoreTexas Instruments
MAX3243E3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV IEC ESD PROTECTION 1 2 3 4 5 MoreTexas Instruments
TRS3243E_083-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV IEC ESD PROTECTION 1 2 3 4 5 MoreTexas Instruments
MAX3232E_073-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV IEC ESD PROTECTION 1 2 3 4 5 MoreTexas Instruments
SN65C3221E3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH ±15-kV IEC ESD PROTECTION 1 2 3 4 5 MoreTexas Instruments
SN65C3232E3-V TO 5.5-V TWO-CHANNEL RS-232 1-MBIT/S LINE DRIVERS/RECEIVERS WITH ±15-kV IEC ESD PROTECTION 1 2 3 4 5 MoreTexas Instruments
TRS3221E3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH ±15-kV IEC ESD PROTECTION 1 2 3 4 5 MoreTexas Instruments

リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl