データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N914 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 1N914
部品情報  Fast Switching Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N914 データシート(HTML) 2 Page - Vishay Siliconix

  1N914 Datasheet HTML 1Page - Vishay Siliconix 1N914 Datasheet HTML 2Page - Vishay Siliconix 1N914 Datasheet HTML 3Page - Vishay Siliconix 1N914 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 85622
Rev. 1.7, 16-Feb-07
1N914
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Package Dimensions in millimeters (inches): DO35
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 10 mA
VF
1000
mV
Breakdown voltage
IR = 100 µA
V(BR)
100
V
Peak reverse current
VR = 75V
IR
5µA
VR = 20V, Tj = 150 °C
IR
50
µA
VR = 20V
IR
25
nA
Diode capacitance
VR = 0, f = 1MHz
CD
4pF
Reverse recovery time
IF = 10 mA to IR = 1 mA,
VR = 6 V, RL = 100 Ω
trr
4ns
Figure 1. Forward Current vs. Forward Voltage
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF - Forward Voltage (V)
2.0
94 9170_1
Scattering Limit
T = 25 °C
j
1N914
Figure 2. Reverse Current vs. Reverse Voltage
1
10
100
1000
VR - Reverse Voltage (V)
10
1
100
94 9098
Tj = 25 °C
Scattering Limit
94 9366
26 min. (1.024)
3.9 max. (0.154)
26 min. (1.024)
Cathode Identification
Rev. 6 - Date: 29.January 2007
Document no.: 6.560-5004.02-4


同様の部品番号 - 1N914

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
1N914 VISHAY-1N914 Datasheet
71Kb / 3P
   Small Signal Fast Switching Diodes
Rev. 1.8, 06-Dec-13
logo
NXP Semiconductors
1N914 PHILIPS-1N914 Datasheet
51Kb / 8P
   High-speed diode
1999 May 26
logo
Microsemi Corporation
1N914 MICROSEMI-1N914 Datasheet
63Kb / 1P
   Silicon Switching Diode DO-35 Glass Package
logo
New Jersey Semi-Conduct...
1N914 NJSEMI-1N914 Datasheet
44Kb / 1P
   Small Signal Devices
logo
SEMTECH ELECTRONICS LTD...
1N914 SEMTECH_ELEC-1N914 Datasheet
127Kb / 1P
   FAST SWITCHING DIODES
More results

同様の説明 - 1N914

メーカー部品番号データシート部品情報
logo
Shanghai Shunye Electro...
1SS355 SY-1SS355 Datasheet
862Kb / 2P
   FAST SWITCHING DIODES
logo
Cystech Electonics Corp...
BAS21SH CYSTEKEC-BAS21SH Datasheet
239Kb / 5P
   Fast Switching Diodes
logo
SEMTECH ELECTRONICS LTD...
1N914 SEMTECH_ELEC-1N914 Datasheet
127Kb / 1P
   FAST SWITCHING DIODES
logo
Shanghai Shunye Electro...
1N4448WS SHUNYE-1N4448WS Datasheet
927Kb / 2P
   FAST SWITCHING DIODES
logo
MAKO SEMICONDUCTOR CO.,...
BAV19W MAKOSEMI-BAV19W Datasheet
246Kb / 2P
   FAST SWITCHING DIODES
BAV21W MAKOSEMI-BAV21W Datasheet
246Kb / 2P
   FAST SWITCHING DIODES
logo
Olitech Electronics Co....
LL103A OLITECH-LL103A Datasheet
367Kb / 2P
   FAST SWITCHING DIODES
logo
Nantong Hornby Electron...
1N4X48 HORNBY-1N4X48 Datasheet
306Kb / 4P
   FAST SWITCHING DIODES
logo
Vishay Siliconix
1N914 VISHAY-1N914_12 Datasheet
101Kb / 3P
   Fast Switching Diodes
Rev. 1.8, 17-Aug-10
logo
Shenzhen Ping Sheng Ele...
1N4448WS PFS-1N4448WS Datasheet
1Mb / 2P
   FAST SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS355 WINNERJOIN-1SS355_15 Datasheet
129Kb / 2P
   FAST SWITCHING DIODES
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com