データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7480_M データシート(PDF) 5 Page - Renesas Technology Corp

部品番号 7480_M
部品情報  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
Download  337 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7480_M データシート(HTML) 5 Page - Renesas Technology Corp

  7480_M Datasheet HTML 1Page - Renesas Technology Corp 7480_M Datasheet HTML 2Page - Renesas Technology Corp 7480_M Datasheet HTML 3Page - Renesas Technology Corp 7480_M Datasheet HTML 4Page - Renesas Technology Corp 7480_M Datasheet HTML 5Page - Renesas Technology Corp 7480_M Datasheet HTML 6Page - Renesas Technology Corp 7480_M Datasheet HTML 7Page - Renesas Technology Corp 7480_M Datasheet HTML 8Page - Renesas Technology Corp 7480_M Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 337 page
background image
BEFORE USING THIS USER’S MANUAL
1. Manual Contents
This user’s manual consists of the following three chapters. Refer to the chapter appropriate to your conditions,
such as hardware design or software development.
q
CHAPTER 1 – HARDWARE
This chapter describes the features of the microcomputers, the operation of their peripherals, and
their electrical characteristics.
q
CHAPTER 2 – APPLICATIONS
This chapter describes usage of peripheral functions and application examples of the microcomputers,
focusing on the settings of the related registers.
q
CHAPTER 3 – APPENDICES
This chapter describes all the control register configurations, and the mask ROM confirmation forms
(mask ROM version), the ROM programming confirmation forms (one time PROM version), and the
mark specification forms to be submitted at the ordering.
2. Register Configurations
An example of control register configurations of the 7480 Group and 7481 Group and the description of
symbols used in them are explained below.
b5
b6
b7
b4 b3 b2 b1 b0
b
Name
Function
At reset
1
2
3
4
5
6
7
0
0
0
Undefined
0
Undefined
Fix these bits to ‘0’
Stack page selection bit
(Note)
0 : Zero page
1 : 1 page
Watchdog timer L count
source selection bit
0 : f(XIN)/8
1 : f(XIN)/16
Clock division
ratio selection bit
0 : f(XIN)/2 (high-speed mode)
1 : f(XIN)/8 (medium-speed mode)
Not implemented. Writing to this bit is disabled.
This bit is undefined at reading.
Not implemented. Writing to this bit is disabled.
This bit is undefined at reading.
Note: In the products whose RAM size is 192 bytes or less, set this bit to ‘0’.
0
0
Not implemented. Writing to this bit is disabled.
This bit is undefined at reading.
Undefined
RW
O
O
0
O
Undefined
Undefined
Undefined
×
×
×
O0
OO
OO
0
0
Notes 1: Contents after system is released from reset
0: ‘0’ after system is released from reset
1: ‘1’ after system is released from reset
undefined: undefined after system is released from reset
2: Bit attributes
R (Read)
O: Read enabled
×: Read disabled
Undefined: Undefined at reading
0: ‘0’ at reading
1: ‘1’ at reading
O: Write enabled
×: Write disabled
0: Fixed to ‘0’
: This bit can be set to ‘0’ by software, but cannot be set to ‘1’.
W (Write)
indicates the bit which is not implemented.
Bit
Bit attributes (Note 2)
Contents immediately after system is released from reset (Note 1)
CPU mode register (CPUM) [Address 00FB16]


同様の部品番号 - 7480_M

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
74802 VISHAY-74802 Datasheet
81Kb / 6P
   800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
logo
Wurth Elektronik GmbH &...
748020024 WURTH-748020024 Datasheet
743Kb / 6P
   WE-CCMF SMT Ceramic Common Mode Filter
001.006
748030024 WURTH-748030024 Datasheet
710Kb / 6P
   WE-CCMF SMT Ceramic Common Mode Filter
001.001
748032455 WURTH-748032455 Datasheet
558Kb / 6P
   WE-CCMF SMT Ceramic Common Mode Filter
001.000
logo
Bi technologies
7480R10KT2L.30 BITECH-7480R10KT2L.30 Datasheet
78Kb / 5P
   7/8 Diameter 5-Turn Wirewound Precision Potentiometer
More results

同様の説明 - 7480_M

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
7470_N RENESAS-7470_N Datasheet
4Mb / 354P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
7470_M RENESAS-7470_M Datasheet
4Mb / 361P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
7540_M RENESAS-7540_M Datasheet
4Mb / 366P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
3800 RENESAS-3800 Datasheet
1Mb / 174P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38C3_M RENESAS-38C3_M Datasheet
1Mb / 224P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38B5_M RENESAS-38B5_M Datasheet
3Mb / 356P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38B7_M RENESAS-38B7_M Datasheet
4Mb / 415P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
3802_M RENESAS-3802_M Datasheet
1Mb / 208P
   8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
38K0UM RENESAS-38K0UM Datasheet
2Mb / 328P
   RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
3850H RENESAS-3850H Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com