データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4148WS データシート(PDF) 2 Page - Vishay Siliconix

部品番号 1N4148WS
部品情報  Small Signal Fast Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4148WS データシート(HTML) 2 Page - Vishay Siliconix

  1N4148WS Datasheet HTML 1Page - Vishay Siliconix 1N4148WS Datasheet HTML 2Page - Vishay Siliconix 1N4148WS Datasheet HTML 3Page - Vishay Siliconix 1N4148WS Datasheet HTML 4Page - Vishay Siliconix 1N4148WS Datasheet HTML 5Page - Vishay Siliconix 1N4148WS Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number 85751
Rev. 1.7, 14-Sep-07
1N4148WS-V
Vishay Semiconductors
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Note:
1) Valid provided that electrodes are kept at ambient temperature.
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Rectification Efficiency Measurement Circuit
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to ambient air
RthJA
6501)
K/W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
- 65 to + 150
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 10 mA
VF
1000
mV
IF = 100 mA
VF
1200
mV
Leakage current
VR = 20 V
IR
25
nA
VR = 75 V
IR
5µA
VR = 100 V
IR
100
µA
VR = 20 V, Tj = 150 °C
IR
50
µA
Diode capacitance
VF = VR = 0 V
CD
4pF
Voltage rise when switching ON
(tested with 50 mA pulses)
tested with 50 mA pulses,
tp = 0.1 µs, rise time < 30 ns,
fp = (5 to 100) kHz
Vfr
2.5
V
Reverse recovery time
IF = 10 mA, IR = 1 mA, VR = 6 V,
RL = 100 Ω
trr
4ns
Rectification efficiency
f = 100 MHz, VRF = 2 V
ην
0.45
17436
60
Ω
5 k
Ω
2 nF
V
O
V
RF = 2 V


同様の部品番号 - 1N4148WS

メーカー部品番号データシート部品情報
logo
SHENZHEN YONGERJIA INDU...
1N4148WS WINNERJOIN-1N4148WS Datasheet
178Kb / 2P
   Fast Switching Speed
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS Datasheet
127Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Dongguan City Niuhang E...
1N4148WS NIUHANG-1N4148WS Datasheet
251Kb / 3P
   SWITCHING RECTIFIERS
logo
Tiger Electronic Co.,Lt...
1N4148WS TGS-1N4148WS Datasheet
726Kb / 5P
   FAST SWITCHING DIODE
logo
Tak Cheong Electronics ...
1N4148WS TAK_CHEONG-1N4148WS Datasheet
660Kb / 4P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
More results

同様の説明 - 1N4148WS

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
1N4151W-V VISHAY-1N4151W-V Datasheet
205Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.2, 06-Apr-05
1N4148W-V VISHAY-1N4148W-V_15 Datasheet
93Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.5, 27-Jul-12
LL4154-M VISHAY-LL4154-M Datasheet
85Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.0, 02-Mar-15
1N4148WFL-G VISHAY-1N4148WFL-G Datasheet
94Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.0., 24-Oct-13
1N4148W-G VISHAY-1N4148W-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 08-May-13
1N4448WS VISHAY-1N4448WS Datasheet
91Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 14-Oct-16
1N4148W VISHAY-1N4148W Datasheet
105Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.7, 08-May-13
BAS16-V-GS08 VISHAY-BAS16-V-GS08 Datasheet
140Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
logo
KODENSHI_AUK CORP.
SDS914 KODENSHI-SDS914 Datasheet
251Kb / 5P
   Small Signal Fast Switching Diode
SDS2838EF KODENSHI-SDS2838EF Datasheet
265Kb / 5P
   Small Signal Fast Switching Diode
SUD494J KODENSHI-SUD494J Datasheet
280Kb / 5P
   Small Signal Fast Switching Diode
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com