データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4736A データシート(PDF) 1 Page - Vishay Siliconix

部品番号 1N4736A
部品情報  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1N4736A データシート(HTML) 1 Page - Vishay Siliconix

  1N4736A Datasheet HTML 1Page - Vishay Siliconix 1N4736A Datasheet HTML 2Page - Vishay Siliconix 1N4736A Datasheet HTML 3Page - Vishay Siliconix 1N4736A Datasheet HTML 4Page - Vishay Siliconix 1N4736A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1N4728A to 1N4764A
Document Number 85816
Rev. 1.8, 22-Feb-06
Vishay Semiconductors
www.vishay.com
1
17173
Zener Diodes
Features
• Silicon Planar Power Zener Diodes
• For use in stabilizing and clipping circuits
with high power rating
• Standard Zener voltage tolerance is ± 5 %
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
• Voltage stabilization
Mechanical Data
Case: DO-41 Glass case
Weight: approx. 310 mg
Packaging Codes/Options:
TR / 5 k per 13" reel, 25 k/box
TAP / 5 k per Ammo pack (52 mm tape), 25 k/box
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature.
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
1) Valid provided that leads at a distance of 4 mm from case are kept at ambient temperature.
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Power dissipation
Ptot
1.31)
W
Z-current
IZ
PV/VZ
mA
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance juntion to ambient air
RthJA
1101)
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 65 to + 175
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 200 mA
VF
1.2
V
e2


同様の部品番号 - 1N4736A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
1N4736A PHILIPS-1N4736A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4736A VISHAY-1N4736A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Chongqing Pingwei Enter...
1N4736A CHONGQING-1N4736A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
RFE international
1N4736A RFE-1N4736A Datasheet
554Kb / 4P
   Zener Diodes
DEC-13-2023
logo
Yangzhou yangjie electr...
1N4736A YANGJIE-1N4736A Datasheet
188Kb / 3P
   Zener Diodes
More results

同様の説明 - 1N4736A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com