データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP423AIDCNRG4 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMP423AIDCNRG4
部品情報  짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMP423AIDCNRG4 データシート(HTML) 11 Page - Texas Instruments

Back Button TMP423AIDCNRG4 Datasheet HTML 7Page - Texas Instruments TMP423AIDCNRG4 Datasheet HTML 8Page - Texas Instruments TMP423AIDCNRG4 Datasheet HTML 9Page - Texas Instruments TMP423AIDCNRG4 Datasheet HTML 10Page - Texas Instruments TMP423AIDCNRG4 Datasheet HTML 11Page - Texas Instruments TMP423AIDCNRG4 Datasheet HTML 12Page - Texas Instruments TMP423AIDCNRG4 Datasheet HTML 13Page - Texas Instruments TMP423AIDCNRG4 Datasheet HTML 14Page - Texas Instruments TMP423AIDCNRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
www.ti.com
Standard Decimal to Binary Temperature Data
REGISTER INFORMATION
POINTER REGISTER
Standard Binary to Decimal Temperature Data
One-ShotStartRegister
ConfigurationRegisters
StatusRegister
IdentificationRegisters
N-FactorCorrectionRegisters
ConversionRateRegister
LocalandRemoteTemperatureRegisters
SDA
SCL
PointerRegister
I/O
Control
Interface
SoftwareReset
TMP421
TMP422
TMP423
SBOS398B – JULY 2007 – REVISED MARCH 2008
Both local and remote temperature data use two
Calculation Example
bytes for data storage. The high byte stores the
temperature with 1
°C resolution. The second or low
For positive temperatures (for example, +20
°C):
byte
stores
the
decimal
fraction
value
of
the
(+20
°C)/(+1°C/count) = 20 → 14h → 0001 0100
temperature
and
allows
a
higher
measurement
Convert the number to binary code with 8-bit,
resolution, as shown in Table 2. The measurement
right-justified format, and MSB = '0' to denote a
resolution for the both the local and remote channels
positive sign.
is 0.0625
°C, and is not adjustable.
+20
°C is stored as 0001 0100 → 14h.
Table 2. Decimal Fraction Temperature Data
For negative temperatures (for example, –20
°C):
Format (Local and Remote Temperature Low
(|–20|)/(+1
°C/count) = 20 → 14h → 0001 0100
Bytes)
Generate the two's complement of a negative
TEMPERATURE REGISTER LOW BYTE VALUE
(0.0625
°C RESOLUTION)
number by complementing the absolute value
TEMP
(
°C)
STANDARD AND EXTENDED BINARY
HEX
binary number and adding 1.
0
0000 0000
00
–20
°C is stored as 1110 1100 → ECh.
0.0625
0001 0000
10
0.1250
0010 0000
20
0.1875
0011 0000
30
The TMP421/22/23 contain multiple registers for
0.2500
0100 0000
40
holding
configuration
information,
temperature
0.3125
0101 0000
50
measurement results, and status information. These
0.3750
0110 0000
60
registers are described in Figure 14 and Table 3.
0.4375
0111 0000
70
0.5000
1000 0000
80
0.5625
1001 0000
90
Figure 14 shows the internal register structure of the
0.6250
1010 0000
A0
TMP421/22/23. The 8-bit Pointer Register is used to
0.6875
1011 0000
B0
address a given data register. The Pointer Register
0.7500
1100 0000
C0
identifies which of the data registers should respond
to a read or write command on the two-wire bus. This
0.8125
1101 0000
D0
register is set with every write command. A write
0.8750
1110 0000
E0
command must be issued to set the proper value in
0.9385
1111 0000
F0
the
Pointer
Register
before
executing
a
read
(1) Resolution is 0.0625
°C/count. All possible values are shown.
command. Table 3 describes the pointer address of
the TMP421/22/23 registers. The power-on reset
(POR) value of the Pointer Register is 00h (0000
Calculation Example
0000b).
High byte conversion (for example, 0111 0011):
Convert the right-justified binary high byte to
hexadecimal.
From hexadecimal, multiply the first number by
160 = 1 and the second number by 161 = 16.
The sum equals the decimal equivalent.
0111 0011b
→ 73h → (3
× 160) + (7 × 161) = 115
Low byte conversion (for example, 0111 0000):
To convert the left-justified binary low-byte to
decimal, use bits 7 through 4 and ignore bits 3
through 0 because they do not affect the value of
the number.
0111b
→ (0
× 1/2)1 + (1 × 1/2)2 + (1 × 1/2)3 + (1 ×
1/2)4 = 0.4375
Figure 14. Internal Register Structure
Note that the final numerical result is the sum of the
high byte and low byte. In negative temperatures, the
unsigned low byte adds to the negative high byte to
result in a value less than the high byte (for instance,
–15 + 0.75 = –14.25, not –15.75).
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TMP421 TMP422 TMP423


同様の部品番号 - TMP423AIDCNRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP423AIDCNRG4 TI1-TMP423AIDCNRG4 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
More results

同様の説明 - TMP423AIDCNRG4

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
TMP421 BURR-BROWN-TMP421 Datasheet
575Kb / 26P
   짹1째C Remote and Local TEMPERATURE SENSOR in SOT23-8
logo
Texas Instruments
TMP422-EP TI1-TMP422-EP Datasheet
380Kb / 28P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP422-EP TI1-TMP422-EP Datasheet
885Kb / 31P
[Old version datasheet]   짹1째C REMOTE TEMPERATURE AND 짹2.5째C LOCAL TEMPERATURE SENSOR IN SOT23-8
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
logo
List of Unclassifed Man...
G781 ETC-G781 Datasheet
342Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Global Mixed-mode Techn...
G784 GMT-G784 Datasheet
178Kb / 1P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP401 TI1-TMP401_15 Datasheet
992Kb / 41P
[Old version datasheet]   TMP401 짹1째C Programmable, Remote and Local, Digital Out Temperature Sensor
logo
Silicon Standard Corp.
SS8018 SSC-SS8018 Datasheet
289Kb / 14P
   짹1째C Remote and Local Temperature Sensor with SMBus Serial Interface
logo
Texas Instruments
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com