データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7280 データシート(PDF) 11 Page - Analog Devices

部品番号 AD7280
部品情報  Lithium Ion Battery Monitoring System
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7280 データシート(HTML) 11 Page - Analog Devices

Back Button AD7280 Datasheet HTML 7Page - Analog Devices AD7280 Datasheet HTML 8Page - Analog Devices AD7280 Datasheet HTML 9Page - Analog Devices AD7280 Datasheet HTML 10Page - Analog Devices AD7280 Datasheet HTML 11Page - Analog Devices AD7280 Datasheet HTML 12Page - Analog Devices AD7280 Datasheet HTML 13Page - Analog Devices AD7280 Datasheet HTML 14Page - Analog Devices AD7280 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Preliminary Technical Data
AD7280
Rev. PrD | Page 11 of 33
Vin0
Vin1
Vin2
Vin3
Vin4
Vin5
Vin6
ADC Vin+
ADC Vin-
Figure 5. MUX Configuration During Vin2-Vin1 Sampling
The ADC is a 12-bit successive approximation analog-to-digital
converter. The converter is composed of a comparator, SAR,
some control logic and 2 capacitive DACs. Figure 6 shows a
simplified schematic of the converter. During the acquisition
phase switches SW1, SW2 and SW3 are closed. The sampling
capacitor array acquires the signal on the input during this
phase.
CAPACITIVE
DAC
CONTROL
LOGIC
CAPACITIVE
DAC
COMPARATOR
SW3
SW1
A
B
CS
CS
VIN+
SW2
A
B
VIN
Figure 6. ADC Configuration During Acquisition Phase
When the ADC starts a conversion (Figure 7), SW3 opens and
SW1 and SW2 move to position B, causing the comparator to
become unbalanced. The control logic and capacitive DACs are
used to add and subtract fixed amounts of charge to bring the
comparator back into a balanced condition. When the
comparator is rebalanced, the conversion is complete. The
control logic generates the ADC output code. This output code
is then stored in the appropriate register for the input that has
been converted.
CAPACITIVE
DAC
CONTROL
LOGIC
CAPACITIVE
DAC
COMPARATOR
SW3
SW1
A
B
CS
CS
VIN+
SW2
A
B
VIN
Figure 7. ADC Configuration During Conversion Phase
ANALOG INPUT STRUCTURE
Figure 8 shows the equivalent circuit of the analog input
structure of the AD7280. The two diodes provide ESD
protection. The resistors are lumped components made up of
the on-resistance of the input multiplexer and the track-and-
hold switch. The value of these resistors is typically about 300Ω.
Capacitor C1 can primarily be attributed to pin capacitance
while Capacitor C2 is the sampling capacitor of the ADC. The
total lumped capacitance of C1 and C2 is approximately 13 pF.
D
D
VDD
C2
R1
VIN+
VSS
C1
D
D
VDD
C2
R1
VIN
VSS
C1
Figure 8. Equivalent Analog Input Circuit
TRANSFER FUNCTION
The output coding of the AD7280 is straight binary. The
designed code transitions occur at successive integer LSB values
(that is, 1 LSB, 2 LSB, and so on). The LSB size is dependent on
whether the voltage or temperature inputs are being measured.
The analog input range of the voltage inputs is 1V to 5V, the
analog input range of the temperature inputs is 0V to 5V. The
ideal transfer characteristic is shown in Figure 9.
Table 5. LSB Sizes for Each Analog Input Range
Selected
inputs
Input
Range
Full-Scale
Range
LSB Size
Voltage
1 V to 5 V
4 V/4096
976
µV
Temperature
0 V to 5 V
5 V/4096
1.22 mV
111...111
111...110
111...000
011...111
1V + 1LSB
AGND + 1LSB
5V – 1LSB
4V INPUT RANGE
5V – 1LSB
5V INPUT RANGE
ANALOG INPUT
000...010
000...001
000...000
Figure 9. Transfer Characteristic


同様の部品番号 - AD7280

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7280A AD-AD7280A Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
AD7280ABSTZ AD-AD7280ABSTZ Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
AD7280ABSTZ-RL AD-AD7280ABSTZ-RL Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
AD7280AWBSTZ AD-AD7280AWBSTZ Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
AD7280AWBSTZ-RL AD-AD7280AWBSTZ-RL Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
More results

同様の説明 - AD7280

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7280A AD-AD7280A Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
   Lithium-ion Battery
1.1
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
   Lithium ion battery
logo
Texas Instruments
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
[Old version datasheet]   Lithium-Ion Battery Protector
logo
Toshiba Semiconductor
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications
TPCS8213 TOSHIBA-TPCS8213 Datasheet
208Kb / 7P
   Lithium Ion Battery Applications
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
logo
Transcend Information. ...
TS-BL22MA TRANSCEND-TS-BL22MA Datasheet
203Kb / 3P
   2200mAh Lithium Ion Battery
logo
Analog Devices
ADP3820 AD-ADP3820 Datasheet
112Kb / 8P
   Lithium-Ion Battery Charger
REV. A
logo
Toshiba Semiconductor
TPCS8210 TOSHIBA-TPCS8210_07 Datasheet
197Kb / 7P
   Lithium Ion Battery Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com