データシートサーチシステム |
|
74FCT162652CTPVCG4 データシート(PDF) 7 Page - Texas Instruments |
|
74FCT162652CTPVCG4 データシート(HTML) 7 Page - Texas Instruments |
7 / 16 page CY74FCT16652T CY74FCT162652T 7 Switching Characteristics Over the Operating Range[17] Parameter Description CY74FCT16652AT CY74FCT162652AT Unit Min. Max. Fig. No.[18] tPLH tPHL Propagation Delay Bus to Bus 1.5 6.3 ns 1, 3 tPZH tPHL Output Enable Time OEAB or OEBA to Bus 1.5 9.8 ns 1, 7, 8 tPHZ tPLZ Output Disable Time OEAB or OEBA to Bus 1.5 6.3 ns 1, 7, 8 tPLH tPHL Propagation Delay Clock to Bus 1.5 6.3 ns 1, 5 tPLH tPHL Propagation Delay SBA or SAB to Bus 1.5 7.7 ns 1, 5 tSU Set-Up time HIGH or LOW Bus to Clock 2.0 — ns 4 tH Hold Time HIGH or LOW Bus to Clock 1.5 — ns 4 tW Clock Pulse Width HIGH or LOW 5.0 — ns 5 tSK(O) Output Skew[19] — 0.5 ns Parameter Description CY74FCT16652CT CY74FCT162652CT Unit Min. Max. Fig. No.[18] tPLH tPHL Propagation Delay Bus to Bus 1.5 5.4 ns 1, 3 tPZH tPHL Output Enable Time OEAB or OEBA to Bus 1.5 7.8 ns 1, 7, 8 tPHZ tPLZ Output Disable Time OEAB or OEBA to Bus 1.5 6.3 ns 1, 7, 8 tPLH tPHL Propagation Delay Clock to Bus 1.5 5.7 ns 1, 5 tPLH tPHL Propagation Delay SBA or SAB to Bus 1.5 6.2 ns 1, 5 tSU Set-Up Time HIGH or LOW Bus to Clock 2.0 — ns 4 tH Hold Time HIGH or LOW Bus to Clock 1.5 — ns 4 tW Clock Pulse Width HIGH or LOW 5.0 — ns 5 tSK(O) Output Skew[19] — 0.5 ns Notes: 17. Minimum limits are specified, but not tested, on propagation delays. 18. See “Parameter Measurement Information” in the General Information section. 19. Skew between any two outputs of the same package switching in the same direction. This parameter ensured by design. |
同様の部品番号 - 74FCT162652CTPVCG4 |
|
同様の説明 - 74FCT162652CTPVCG4 |