データシートサーチシステム |
|
4N32-X009 データシート(PDF) 3 Page - Vishay Siliconix |
|
4N32-X009 データシート(HTML) 3 Page - Vishay Siliconix |
3 / 8 page Document Number: 81865 For technical questions, contact: optocoupler.answers@vishay.com www.vishay.com Rev. 1.0, 11-Mar-08 3 4N32-X000/4N33-X000 Optocoupler, Photodarlington Output, High Gain, with Base Connection Vishay Semiconductors Note As per IEC 60747-5-2, § 7.4.3.8.1, this optocoupler is suitable for "safe electrical insulation" only within the safety ratings. Compliance with the safety ratings shall be ensured by means of protective circuits. TYPICAL CHARACTERISTICS Tamb = 25 °C, unless otherwise specified Fig. 1 - Normalized Non-Saturated and Saturated CTRCE vs. LED Current Fig. 2 - Normalized Non-Saturated and Saturated Collector Emitter Current vs. LED Current SAFETY AND INSULATION RATINGS PARAMETER TEST CONDITION SYMBOL MIN. TYP. MAX. UNIT Climatic classification (according to IEC 68 part 1) 55/100/21 Comparative tracking index CTI 175 399 VIOTM 8000 V VIORM 890 V PSO 700 mW ISI 400 mA TSI 175 °C Creepage distance standard DIP-6 7 mm Clearance distance standard DIP-6 7 mm Creepage distance 400 mil DIP-6 8 mm Clearance distance 400 mil DIP-6 8 mm Insulation thickness, reinforced rated per IEC 60950 2.10.5.1 0.4 mm i4n32-33_02 0.1 1 10 100 1000 0.0 0.2 0.4 0.6 0.8 1.0 1.2 V CE = 5 V I F - LED Current (mA) V CE = 5 V I F = 10 mA T A = 25 °C Normalized to: V CE = 1 V i4n32-33_03 100 1 0.1 0.001 0.01 0.1 1 10 I F - LED Current (mA) 10 V CE = 5 V I F = 10 mA T A = 25 °C Normalized to: V CE = 5 V V CE = 1 V |
同様の部品番号 - 4N32-X009 |
|
同様の説明 - 4N32-X009 |