データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3N258 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 3N258
部品情報  Glass Passivated Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

3N258 データシート(HTML) 2 Page - Vishay Siliconix

  3N258 Datasheet HTML 1Page - Vishay Siliconix 3N258 Datasheet HTML 2Page - Vishay Siliconix 3N258 Datasheet HTML 3Page - Vishay Siliconix 3N258 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2KBP005M thru 2KBP10M, 3N253 thru 3N259
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88532
Revision: 15-Apr-08
2
Note:
(1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with, 0.47 x 0.47" (12 x 12 mm) copper pads
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST
CONDITIONS
SYMBOL
2KBP
005M
2KBP
01M
2KBP
02M
2KBP
04M
2KBP
06M
2KBP
08M
2KBP
10M
UNIT
3N253
3N254
3N255
3N256
3N257
3N258
3N259
Maximum instantaneous forward
voltage drop per diode
3.14 A
VF
1.1
V
Maximum DC reverse current at rated
DC blocking voltage per diode
TA = 25 °C
TA = 125 °C
IR
5.0
500
µA
Typical junction capacitance per diode
4.0 V, 1 MHz
CJ
25
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
2KBP
005M
2KBP
01M
2KBP
02M
2KBP
04M
2KBP
06M
2KBP
08M
2KBP
10M
UNIT
3N253
3N254
3N255
3N256
3N257
3N258
3N259
Typical thermal resistance (1)
RθJA
RθJL
30
11
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
2KBP06M-E4/45
1.895
45
30
Tube
2KBP06M-E4/51
1.895
51
600
Anti-static PVC tray
3N257-E4/45
1.895
45
30
Tube
3N257-E4/51
1.895
51
600
Anti-static PVC tray
Figure 1. Derating Curve Output Rectified Current
20
40
60
80
100
120
140
160 170
0
0.5
1.0
1.5
2.0
Capacitive Load
5.0
10
20
=
I(pk)
I(AV)
(Per Leg)
P.C.B. Mounted
with 0.47 x 0.47"
(12 x 12 mm)
Copper Pads
60 Hz Resistive or
Inductive Load
Ambient Temperature (°C)
Figure 2. Maximum Non-Repetitive Peak Forward Surge
Current Per Diode
1
10
100
0
10
20
30
40
50
60
T
J = 150 °C
Single Sine-Wave
Number of Cycles at 60 Hz
1.0 Cycle


同様の部品番号 - 3N258

メーカー部品番号データシート部品情報
logo
General Semiconductor
3N258 GE-3N258 Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
3N258 NJSEMI-3N258 Datasheet
121Kb / 1P
   MINIATURE GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Digitron Semiconductors
3N258 DIGITRON-3N258 Datasheet
165Kb / 2P
   SINGLE PHASE BRIDGE RECTIFIER
logo
New Jersey Semi-Conduct...
3N258 NJSEMI-3N258 Datasheet
89Kb / 1P
   MINIATURE INTEGRAL DIODE ASSEMBLIES
logo
Vishay Siliconix
3N258-E4 VISHAY-3N258-E4 Datasheet
84Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 05-Aug-15
More results

同様の説明 - 3N258

メーカー部品番号データシート部品情報
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com