データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV431AH6TA データシート(PDF) 9 Page - Zetex Semiconductors

部品番号 TLV431AH6TA
部品情報  1.24V Cost effective shunt regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZETEX [Zetex Semiconductors]
ホームページ  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

TLV431AH6TA データシート(HTML) 9 Page - Zetex Semiconductors

Back Button TLV431AH6TA Datasheet HTML 5Page - Zetex Semiconductors TLV431AH6TA Datasheet HTML 6Page - Zetex Semiconductors TLV431AH6TA Datasheet HTML 7Page - Zetex Semiconductors TLV431AH6TA Datasheet HTML 8Page - Zetex Semiconductors TLV431AH6TA Datasheet HTML 9Page - Zetex Semiconductors TLV431AH6TA Datasheet HTML 10Page - Zetex Semiconductors TLV431AH6TA Datasheet HTML 11Page - Zetex Semiconductors TLV431AH6TA Datasheet HTML 12Page - Zetex Semiconductors TLV431AH6TA Datasheet HTML 13Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TLV431
Issue 1 - June 2008
9
www.zetex.com
© Zetex Semiconductors plc 2008
Figure 2. Using the TLV431 as the regulating element in an isolated PSU
Printed circuit board layout considerations
The TLV431 in the SOT23-5 package has the die attached to pin 2, which results in an electrical
contact between pin 2 and pin 5. Therefore, pin 2 of the SOT23-5 package must be left floating or
connected to pin 5. TLV431 in the SC70-6 package has the die attached to pin 2 and 5, which
results in an electrical contact between pins 2, 5 and pin 6. Therefore, pins 2 and 5 must be left
floating or connected to pin 6.
Other applications of TLV431
Figure 3. High current shunt regulator
It may at times be required to shunt-regulate more current than the 15mA that the TLV431 is
capable of.
Figure 3 shows how this can be done using transistor Q1 to amplify the TLV431's current. Care
needs to be taken that the power dissipation and/or SOA requirements of the transistor is not
exceeded
GND
To controller
R1
R2
Optocoupler
To controller
Regulated supply
TLV431
R3
Regulated supply
V OUT
IF
⎛ +
=
2
1
1
R
R
V
V
REF
OUT
mA
15
7
.
2
V
3
R
I
7
.
2
V
(max)
OUT
(min)
F
OUT
>
R3
0.1µF
C1
GND
V
IN
V
OUT
R1
R2
R4
Q1
ZXTP2039F
TLV431
V
REF
ISH
IB
⎛ +
=
2
1
1
R
R
V
V
REF
OUT
B
BE
OUT
IN
I
V
V
V
R
)
(
3
+
=
mA
15
I
h
I
B
(min)
FE
SH
<


同様の部品番号 - TLV431AH6TA

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV431A TI-TLV431A Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
ON Semiconductor
TLV431A ONSEMI-TLV431A Datasheet
187Kb / 14P
   Low Voltage Precision Adjustable Shunt Regulator
January, 2005 ??Rev. 7
logo
Texas Instruments
TLV431A TI-TLV431A Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431A TI-TLV431A Datasheet
985Kb / 36P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
TLV431A TI-TLV431A Datasheet
1,013Kb / 38P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

同様の説明 - TLV431AH6TA

メーカー部品番号データシート部品情報
logo
Zetex Semiconductors
ZTLV431 ZETEX-ZTLV431 Datasheet
199Kb / 8P
   1.24V Cost effective shunt regulator
logo
Diodes Incorporated
ZTLV431 DIODES-ZTLV431 Datasheet
296Kb / 8P
   1.24V Cost effective shunt regulator
TLV431 DIODES-TLV431 Datasheet
895Kb / 14P
   1.24V COST EFFECTIVE SHUNT REGULATOR
logo
Zetex Semiconductors
ZTLV431 ZETEX-ZTLV431_07 Datasheet
224Kb / 8P
   1.24V Cost effective shunt regulator
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431_17 Datasheet
445Kb / 12P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Zetex Semiconductors
ZTL431 ZETEX-ZTL431 Datasheet
422Kb / 12P
   Cost effective adjustable precision shunt regulator
ZTL431 ZETEX-ZTL431_08 Datasheet
433Kb / 12P
   Cost effective adjustable precision shunt regulator
logo
Diodes Incorporated
ZTL431 DIODES-ZTL431 Datasheet
170Kb / 9P
   COST EFFECTIVE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
B431L ETC1-B431L Datasheet
292Kb / 8P
   1.24V Adjustable Shunt Regulator
logo
Diodes Incorporated
TLV431Q DIODES-TLV431Q_18 Datasheet
1Mb / 14P
   AUTOMOTIVE-COMPLIANT 1.24V SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com