データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF644NSPBF データシート(PDF) 2 Page - Vishay Siliconix

部品番号 IRF644NSPBF
部品情報  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF644NSPBF データシート(HTML) 2 Page - Vishay Siliconix

  IRF644NSPBF Datasheet HTML 1Page - Vishay Siliconix IRF644NSPBF Datasheet HTML 2Page - Vishay Siliconix IRF644NSPBF Datasheet HTML 3Page - Vishay Siliconix IRF644NSPBF Datasheet HTML 4Page - Vishay Siliconix IRF644NSPBF Datasheet HTML 5Page - Vishay Siliconix IRF644NSPBF Datasheet HTML 6Page - Vishay Siliconix IRF644NSPBF Datasheet HTML 7Page - Vishay Siliconix IRF644NSPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
Document Number: 91038
2
S-Pending-Rev. A, 19-Jun-08
IRF644N, IRF644NS, IRF644NL, SiHF644N, SiHF644NS, SiHF644NL
Vishay Siliconix
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Starting TJ = 25 °C, L = 5.0 µH, RG = 25 Ω IAS = 8.4 A (see fig. 12).
c. ISD ≤ 8.4 A, dI/dt ≤ 378 A/µs, VDD ≤ VDS, TJ ≤ 175 °C.
d. 1.6 mm from case.
e. This is a calculated value limited to TJ = 175 °C.
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 175
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambientc
RthJA
-62
°C/W
Case-to-Sink, Flat, Greased Surfacec
RthCS
0.50
-
Maximum Junction-to-Case (Drain)
RthJC
-1.0
Maximum Junction-to-Ambient (PCB Mount)d
RthJA
-40
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
250
-
-
V
VDS Temperature Coefficient
ΔV
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.33
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
2.0
-
4.0
V
Gate-Source Leakage
IGSS
VGS = 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 250 V, VGS = 0 V
-
-
25
µA
VDS = 200 V, VGS = 0 V, TJ = 150 °C
-
-
250
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 8.4 Ab
-
-
0.240
Ω
Forward Transconductance
gfs
VDS = 50 V, ID = 8.4 Ab
8.8
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-1060
-
pF
Output Capacitance
Coss
-140
-
Reverse Transfer Capacitance
Crss
-38
-
Total Gate Charge
Qg
VGS = 10 V
ID = 8.4 A, VDS = 200 V,
see fig. 6 and 13b
--
54
nC
Gate-Source Charge
Qgs
--
9.2
Gate-Drain Charge
Qgd
--
26
Turn-On Delay Time
td(on)
VDD = 125 V, ID = 8.4 A,
RG = 6.2 Ω, VGS = 10 V, see fig. 10b
-10
-
ns
Rise Time
tr
-21
-
Turn-Off Delay Time
td(off)
-30
-
Fall Time
tf
-17
-
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.5
-
nH
Internal Source Inductance
LS
-7.5
-
D
S
G


同様の部品番号 - IRF644NSPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF644NS IRF-IRF644NS Datasheet
123Kb / 11P
   Power MOSFET(Vdss=250V, Rds(on)=240mohm, Id=14A)
IRF644NS IRF-IRF644NS Datasheet
280Kb / 12P
   HEXFET짰 Power MOSFET
More results

同様の説明 - IRF644NSPBF

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com