データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF730PBF データシート(PDF) 1 Page - Vishay Siliconix

部品番号 IRF730PBF
部品情報  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF730PBF データシート(HTML) 1 Page - Vishay Siliconix

  IRF730PBF Datasheet HTML 1Page - Vishay Siliconix IRF730PBF Datasheet HTML 2Page - Vishay Siliconix IRF730PBF Datasheet HTML 3Page - Vishay Siliconix IRF730PBF Datasheet HTML 4Page - Vishay Siliconix IRF730PBF Datasheet HTML 5Page - Vishay Siliconix IRF730PBF Datasheet HTML 6Page - Vishay Siliconix IRF730PBF Datasheet HTML 7Page - Vishay Siliconix IRF730PBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 91047
www.vishay.com
S-81291-Rev. A, 16-Jun-08
1
Power MOSFET
IRF730, SiHF730
Vishay Siliconix
FEATURES
• Dynamic dV/dt Rating
• Repetitive Avalanche Rated
• Fast Switching
• Ease of Paralleling
• Simple Drive Requirements
• Lead (Pb)-free Available
DESCRIPTION
Third generation Power MOSFETs from Vishay provide the
designer with the best combination of fast switching,
ruggedized
device
design,
low
on-resistance
and
cost-effectiveness.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 W. The low thermal resistance
and low package cost of the TO-220 contribute to its wide
acceptance throughout the industry.
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. VDD = 50 V, starting TJ = 25 °C, L = 16 mH, RG = 25 Ω, IAS = 5.5 A (see fig. 12).
c. ISD ≤ 5.5 A, dI/dt ≤ 90 A/µs, VDD ≤ VDS, TJ ≤ 150 °C.
d. 1.6 mm from case.
PRODUCT SUMMARY
VDS (V)
400
RDS(on) (Ω)VGS = 10 V
1.0
Qg (Max.) (nC)
38
Qgs (nC)
5.7
Qgd (nC)
22
Configuration
Single
N-Channel MOSFET
G
D
S
TO-220
G
D
S
Available
RoHS*
COMPLIANT
ORDERING INFORMATION
Package
TO-220
Lead (Pb)-free
IRF730PbF
SiHF730-E3
SnPb
IRF730
SiHF730
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
400
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current
VGS at 10 V
TC = 25 °C
ID
5.5
A
TC = 100 °C
3.5
Pulsed Drain Currenta
IDM
22
Linear Derating Factor
0.59
W/°C
Single Pulse Avalanche Energyb
EAS
290
mJ
Repetitive Avalanche Currenta
IAR
5.5
A
Repetitive Avalanche Energya
EAR
7.4
mJ
Maximum Power Dissipation
TC = 25 °C
PD
74
W
Peak Diode Recovery dV/dtc
dV/dt
4.0
V/ns
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to + 150
°C
Soldering Recommendations (Peak Temperature)
for 10 s
300d
Mounting Torque
6-32 or M3 screw
10
lbf · in
1.1
N · m
* Pb containing terminations are not RoHS compliant, exemptions may apply


同様の部品番号 - IRF730PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF730PBF IRF-IRF730PBF Datasheet
3Mb / 7P
   HEXFET Power MOSFET
logo
Thinki Semiconductor Co...
IRF730PBF THINKISEMI-IRF730PBF Datasheet
1Mb / 6P
   6.5A,400V Heatsink N-Channel Type Power MOSFET
logo
Vishay Siliconix
IRF730PBF VISHAY-IRF730PBF Datasheet
156Kb / 8P
   Power MOSFET
01-Jan-2022
IRF730PBF-BE3 VISHAY-IRF730PBF-BE3 Datasheet
156Kb / 8P
   Power MOSFET
01-Jan-2022
More results

同様の説明 - IRF730PBF

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com