データシートサーチシステム |
|
TS3A24157RSER データシート(PDF) 5 Page - Texas Instruments |
|
|
TS3A24157RSER データシート(HTML) 5 Page - Texas Instruments |
5 / 24 page www.ti.com Electrical Characteristics for 2.5-V Supply (1) TS3A24157 0.65- Ω DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER SCDS208A – JUNE 2007 – REVISED SEPTEMBER 2007 V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal VCOM, VNO, 0 V+ V range VNC 25 °C 0.55 0.75 Peak ON 0 ≤ (VNO or VNC) ≤ V+, Switch ON, rpeak 2.3 V Ω resistance ICOM = –8 mA, See Figure 10 Full 0.9 25 °C 0.56 0.75 ON-state VNO or VNC = 1.8 V, Switch ON, ron 2.3 V Ω resistance ICOM = –8 mA, See Figure 10 Full 0.85 ON-state 25 °C 0.1 0.15 VNO or VNC = 1.8 V, 0.8 V, Switch ON, resistance match Δron 2.3 V Ω ICOM = –8 mA, See Figure 10 Full 0.15 between channels 0 ≤ (VNO or VNC) ≤ V+, Switch ON, 25 °C 0.1 0.15 ICOM = –8 mA, See Figure 10 ON-state ron(flat) 2.3 V Ω resistance flatness 25 °C 0.17 VNO or VNC = 0.8 V, 1.8 V, Switch ON, ICOM = –8 mA, See Figure 10 Full 0.2 NC, NO VNC or VNO = 0.5 V, VCOM = 2.2 V, 25 °C –50 50 INC(OFF), Switch OFF, OFF leakage or 2.7 V nA INO(OFF) See Figure 11 Full –250 250 current VNC or VNO = 2.2 V, VCOM = 0.5 V, NC, NO VNC or VNO = 0.5 V, VCOM = Open, 25 °C –50 50 INC(ON), Switch ON, ON leakage or 2.7 V nA INO(ON) See Figure 12 Full –400 400 current VNC or VNO = 2.2 V, VCOM = Open, COM VNC or VNO = Open, VCOM = 0.5 V, 25 °C –50 50 Switch ON, ON leakage ICOM(ON) or 2.7 V nA See Figure 12 Full –400 400 current VNC or VNO = Open, VCOM = 2.2 V, Digital Control Inputs (IN1, IN2)(2) Input logic high VIH Full 1.25 V Input logic low VIL Full 0.5 V 25 °C –50 50 Input leakage IIH, IIL VI = 2.7 V or 0 2.7 V nA current Full –50 50 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. Copyright © 2007, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Link(s): TS3A24157 |
同様の部品番号 - TS3A24157RSER |
|
同様の説明 - TS3A24157RSER |