データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC871HC4A データシート(PDF) 5 Page - Sanyo Semicon Device

部品番号 LC871HC4A
部品情報  CMOS IC 128K/96K-byte ROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC871HC4A データシート(HTML) 5 Page - Sanyo Semicon Device

  LC871HC4A Datasheet HTML 1Page - Sanyo Semicon Device LC871HC4A Datasheet HTML 2Page - Sanyo Semicon Device LC871HC4A Datasheet HTML 3Page - Sanyo Semicon Device LC871HC4A Datasheet HTML 4Page - Sanyo Semicon Device LC871HC4A Datasheet HTML 5Page - Sanyo Semicon Device LC871HC4A Datasheet HTML 6Page - Sanyo Semicon Device LC871HC4A Datasheet HTML 7Page - Sanyo Semicon Device LC871HC4A Datasheet HTML 8Page - Sanyo Semicon Device LC871HC4A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
LC871HC4A/92A
No.A1188-5/27
Continued from preceding page.
• X'tal HOLD mode: Suspends instruction execution and the operation of the peripheral circuits except the base timer.
1) The PLL base clock generator, CF and RC oscillator automatically stop operation.
2) The state of crystal oscillation established when the X'tal HOLD mode is entered is retained.
3) There are seven ways of resetting the X'tal HOLD mode.
(1) Setting the reset pin to the low level
(2) Reset generated by watchdog timer
(3) Setting at least one of the INT0, INT1, INT2, INT4, and INT5 pins to the specified level
(4) Having an interrupt source established at port 0
(5) Having an interrupt source established in the base timer circuit
(6) Having an bus active interrupt source established in the USB host controll circuit
(7) Having an interrupt source established in the infrared remote controller receiver circuit
Package Form
• SQFP48(7×7): Lead-free type
Development Tools
• On-chip debugger: TCB87- type-B + LC87F1HC4A
Package Dimensions
unit : mm (typ)
3163B
SANYO : SQFP48(7X7)
7.0
9.0
0.15
0.18
0.5
(0.75)
112
13
24
25
36
37
48


同様の部品番号 - LC871HC4A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC871HC8A SANYO-LC871HC8A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
More results

同様の説明 - LC871HC4A

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC871HC8A SANYO-LC871HC8A Datasheet
231Kb / 27P
   CMOS IC 128K/96K-byte ROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC4A SANYO-LC87F1HC4A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A SANYO-LC87F1HC8A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA SANYO-LC87F1HC8SA Datasheet
233Kb / 27P
   CMOS IC FROM 128K byte, RAM 16384 byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8A SANYO-LC87F14C8A Datasheet
177Kb / 26P
   CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC877648B SANYO-LC877648B Datasheet
183Kb / 25P
   CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
LC877G16A SANYO-LC877G16A Datasheet
100Kb / 17P
   CMOS IC 16K-byte ROM and 512-byte RAM 8-bit 1-chip Microcontroller
LC87F1964A SANYO-LC87F1964A Datasheet
179Kb / 28P
   CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
LC875J96B SANYO-LC875J96B Datasheet
148Kb / 23P
   ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27