データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRFBG30PBF データシート(PDF) 2 Page - Vishay Siliconix

部品番号 IRFBG30PBF
部品情報  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFBG30PBF データシート(HTML) 2 Page - Vishay Siliconix

  IRFBG30PBF Datasheet HTML 1Page - Vishay Siliconix IRFBG30PBF Datasheet HTML 2Page - Vishay Siliconix IRFBG30PBF Datasheet HTML 3Page - Vishay Siliconix IRFBG30PBF Datasheet HTML 4Page - Vishay Siliconix IRFBG30PBF Datasheet HTML 5Page - Vishay Siliconix IRFBG30PBF Datasheet HTML 6Page - Vishay Siliconix IRFBG30PBF Datasheet HTML 7Page - Vishay Siliconix IRFBG30PBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
Document Number: 91124
2
S-81145-Rev. A, 02-Jun-08
IRFBG30, SiHFBG30
Vishay Siliconix
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
≤ 300 µs; duty cycle ≤ 2 %.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
-62
°C/W
Case-to-Sink, Flat, Greased Surface
RthCS
0.50
-
Maximum Junction-to-Case (Drain)
RthJC
-1.0
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
1000
-
-
V
VDS Temperature Coefficient
ΔV
DS/TJ
Reference to 25 °C, ID = 1 mA
-
1.4
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
2.0
-
4.0
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 1000 V, VGS = 0 V
-
-
100
µA
VDS = 800 V, VGS = 0 V, TJ = 125 °C
-
-
500
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 1.9 Ab
--
5.0
Ω
Forward Transconductance
gfs
VDS = 10 V, ID = 1.9 Ab
2.1
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
980
-
pF
Output Capacitance
Coss
-
140
-
Reverse Transfer Capacitance
Crss
-50
-
Total Gate Charge
Qg
VGS = 10 V
ID = 3.1 A, VDS =400 V,
see fig. 6 and 13b
--
80
nC
Gate-Source Charge
Qgs
--
10
Gate-Drain Charge
Qgd
--
42
Turn-On Delay Time
td(on)
VDD = 500 V, ID = 3.1 A
RG = 12 Ω, RD = 170 Ω, see fig. 10b
-12
-
ns
Rise Time
tr
-25
-
Turn-Off Delay Time
td(off)
-89
-
Fall Time
tf
-29
-
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.5
-
nH
Internal Source Inductance
LS
-7.5
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
3.1
A
Pulsed Diode Forward Currenta
ISM
--
12
Body Diode Voltage
VSD
TJ = 25 °C, IS = 3.1 A, VGS = 0 Vb
--
1.8
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 3.1 A, dI/dt = 100 A/µsb
-
410
620
ns
Body Diode Reverse Recovery Charge
Qrr
-
1.3
2.0
µC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G


同様の部品番号 - IRFBG30PBF

メーカー部品番号データシート部品情報
logo
Kersemi Electronic Co.,...
IRFBG30PBF KERSEMI-IRFBG30PBF Datasheet
3Mb / 7P
   Power MOSFET
logo
Vishay Siliconix
IRFBG30PBF VISHAY-IRFBG30PBF Datasheet
585Kb / 9P
   Power MOSFET
09-Jul-2021
IRFBG30PBF VISHAY-IRFBG30PBF Datasheet
1Mb / 9P
   Power MOSFET
09-Jul-2021
More results

同様の説明 - IRFBG30PBF

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com