データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA4814V データシート(PDF) 10 Page - Sanyo Semicon Device

部品番号 LA4814V
部品情報  Monolithic Linear IC 2-Channel Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4814V データシート(HTML) 10 Page - Sanyo Semicon Device

Back Button LA4814V Datasheet HTML 6Page - Sanyo Semicon Device LA4814V Datasheet HTML 7Page - Sanyo Semicon Device LA4814V Datasheet HTML 8Page - Sanyo Semicon Device LA4814V Datasheet HTML 9Page - Sanyo Semicon Device LA4814V Datasheet HTML 10Page - Sanyo Semicon Device LA4814V Datasheet HTML 11Page - Sanyo Semicon Device LA4814V Datasheet HTML 12Page - Sanyo Semicon Device LA4814V Datasheet HTML 13Page - Sanyo Semicon Device LA4814V Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LA4814V
No.A0972-10/17
General characteristics Single ended mode
0
2
4
6
8
10
0.1
2
3
5
7
2
3
5
7
1.0
10.0
100.0
04
26
0.1
23
5
7
23
5
7
8
0.1
10
20
10
23
5 7
23
5 7
23
5 7
23
5 7
100
1k
10k
100k
10
100
23
5 7
23
5 7
23
5 7
23
5 7
1k
10k
100k
Supply voltage, VCC –V
0.1
1
2
3
5
7
10
2
3
5
7
2
3
5
7
100
0
0.1
0.2
0.3
0.4
0.6
0.7
0.8
0.9
0.5
1.0
0.01
23
5
7
23
5
7
0.1
34
5
6
1
Output power, PO –W
Pd – PO
0
2
3
5
7
2
3
5
7
1
– 40
– 30
– 20
– 10
0
10
0.8
0.2
0.4
0.6
1
0.01
23
5
7
23
5
7
0.1
23
5
7
23
5
7
0.1
1
Output power, PO –W
Pd – PO
Vg – f
0
0.2
0.4
0.6
0.8
1
0.01
1
Output power, PO –W
Frequency, f – Hz
27
Supply voltage, VCC –V
0.01
1
Output power, PO –W
ICCO – VCC
Frequency, f – Hz
THD – f
THD – PO
THD – PO
PO – VCC
RL = OPEN
Rg = 0
Ω
RL = 4Ω
f = 1kHz
VCC = 5V
f = 1kHz
VCC = 5V
f = 1kHz
VCC = 5V
PO = 10mW
Vg = 10.4dB
VCC = 5V
RL = 4Ω
R1 = 10k
Ω
C3 = 470
μF
Vg = 10.4dB
f = 1kHz
THD = 10%
f = 1kHz
RL = 4Ω
VCC = 3V
R L
= 4
Ω
RL = 4Ω
RL = 8Ω
R L
= 8
Ω
RL = 16Ω
RL =
16Ω
VCC
= 5V
V CC
= 6V
VCC =
3.6V


同様の部品番号 - LA4814V

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA4814JA SANYO-LA4814JA Datasheet
555Kb / 16P
   Monolithic Linear IC 2-Channel Power Amplifier
logo
ON Semiconductor
LA4814JA ONSEMI-LA4814JA Datasheet
408Kb / 16P
   2-Channel Power Amplifier
May, 2013
More results

同様の説明 - LA4814V

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LA4814JA SANYO-LA4814JA Datasheet
555Kb / 16P
   Monolithic Linear IC 2-Channel Power Amplifier
LA4708N SANYO-LA4708N Datasheet
203Kb / 9P
   Monolithic Linear IC For Car Stereos 20W 2-channel BTL AF Power Amplifier
LA42352 SANYO-LA42352 Datasheet
400Kb / 9P
   Monolithic Linear IC 5W 2-Channel AF Power Amplifier With DC Volume Control
LA8161V SANYO-LA8161V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA8160V SANYO-LA8160V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LV47022P SANYO-LV47022P Datasheet
404Kb / 12P
   Monolithic Linear IC For Car Audio Systems 4-Channel BTL Power Amplifier
LA47202P SANYO-LA47202P Datasheet
103Kb / 8P
   Monolithic Linear IC Four-Channel BTL Power Amplifier for Car Audio Systems
logo
ON Semiconductor
LB1837M ONSEMI-LB1837M Datasheet
325Kb / 6P
   Monolithic Linear IC
November, 2013
LB1843V ONSEMI-LB1843V Datasheet
331Kb / 10P
   Monolithic Linear IC
February, 2014
logo
Sanyo Semicon Device
LA1357N SANYO-LA1357N Datasheet
77Kb / 1P
   MONOLITHIC LINEAR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com