データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1024X-T1-E3 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI1024X-T1-E3
部品情報  Dual N-Channel 20-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1024X-T1-E3 データシート(HTML) 1 Page - Vishay Siliconix

  SI1024X-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1024X-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1024X-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1024X-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1024X-T1-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Vishay Siliconix
Si1024X
Document Number: 71170
S-80643-Rev. C, 24-Mar-08
www.vishay.com
1
Dual N-Channel 20-V (D-S) MOSFET
FEATURES
Halogen-free Option Available
TrenchFET® Power MOSFET: 1.8 V Rated
Very Small Footprint
High-Side Switching
Low On-Resistance: 0.7
Ω
Low Threshold: 0.8 V (typ.)
Fast Switching Speed: 10 ns
1.8 V Operation
Gate-Source ESD Protected: 2000 V
BENEFITS
Ease in Driving Switches
Low Offset (Error) Voltage
Low-Voltage Operation
High-Speed Circuits
Low Battery Voltage Operation
APPLICATIONS
Drivers: Relays, Solenoids, Lamps, Hammers, Displays,
Memories
Battery Operated Systems
Power Supply Converter Circuits
Load/Power Switching Cell Phones, Pagers
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (mA)
20
0.70 at VGS = 4.5 V
600
0.85 at VGS = 2.5 V
500
1.25 at VGS = 1.8 V
350
Top View
3
1
D2
G2
S1
5
2
4
6
D1
S2
G1
SOT-563
SC-89
100
100
Ordering Information: Si1024X-T1-E3 (Lead (Pb)-free)
Si1024X-T1-GE3 (Lead (Pb)-free and Halogen-free)
Marking Code: C
Notes:
a. Surface Mounted on FR4 board.
b. Pulse width limited by maximum junction temperature.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 6
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
515
485
mA
TA = 85 °C
370
350
Pulsed Drain Currentb
IDM
650
Continuous Source Current (Diode Conduction)a
IS
450
380
Maximum Power Dissipationa
TA = 25 °C
PD
280
250
mW
TA = 85 °C
145
130
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Gate-Source ESD Rating (HBM, Method 3015)
ESD
2000
V
RoHS
COMPLIANT


同様の部品番号 - SI1024X-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1024X VISHAY-SI1024X Datasheet
49Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 08-Feb-01
SI1024X VISHAY-SI1024X Datasheet
171Kb / 7P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
SI1024X VISHAY-SI1024X_V01 Datasheet
171Kb / 7P
   Dual N-Channel 20 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI1024X-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1912EDH VISHAY-SI1912EDH Datasheet
42Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. A, 05-Mar-01
SI1902DL VISHAY-SI1902DL Datasheet
43Kb / 4P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. E, 12-Aug-02
SI5908DC VISHAY-SI5908DC_10 Datasheet
236Kb / 10P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. B, 08-Mar-10
SI9926CDY VISHAY-SI9926CDY Datasheet
255Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 27-Apr-09
logo
DinTek Semiconductor Co...
DTM9936 DINTEK-DTM9936 Datasheet
307Kb / 9P
   Dual N-Channel 20-V (D-S) MOSFET
DTS2212 DINTEK-DTS2212 Datasheet
306Kb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1902CDL VISHAY-SI1902CDL Datasheet
236Kb / 11P
   Dual N-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
SI7904BDN VISHAY-SI7904BDN Datasheet
559Kb / 13P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. B, 29-Dec-08
logo
Guangdong Kexin Industr...
KI5908DC KEXIN-KI5908DC Datasheet
66Kb / 2P
   Dual N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI7904DN VISHAY-SI7904DN Datasheet
88Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET
Rev. G, 07-Jul-08
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com