データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1058X データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI1058X
部品情報  N-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1058X データシート(HTML) 1 Page - Vishay Siliconix

  SI1058X_08 Datasheet HTML 1Page - Vishay Siliconix SI1058X_08 Datasheet HTML 2Page - Vishay Siliconix SI1058X_08 Datasheet HTML 3Page - Vishay Siliconix SI1058X_08 Datasheet HTML 4Page - Vishay Siliconix SI1058X_08 Datasheet HTML 5Page - Vishay Siliconix SI1058X_08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vishay Siliconix
Si1058X
Document Number: 73894
S-81528-Rev. C, 30-Jun-08
www.vishay.com
1
N-Channel 20-V (D-S) MOSFET
FEATURES
Halogen-free Option Available
•TrenchFET® Power MOSFET
100 % Rg and UIS Tested
APPLICATIONS
Load Switch for Portable Devices
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
Qg (Typ.)
20
0.091 at VGS = 4.5 V
1.3a
3.5
0.124 at VGS = 2.5 V
1.1
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under Steady State conditions is 650 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
1.3b, c
A
TA = 70 °C
1.03b, c
Pulsed Drain Current
IDM
6
Avalanche Current
L = 0.1 mH
IAS
7
Repetitive Avalanche Energy
EAS
2.45
mJ
Continuous Source-Drain Diode Current
TA = 25 °C
IS
0.2b, c
A
Maximum Power Dissipationa
TA = 25 °C
PD
0.236b, c
W
TA = 70 °C
0.151b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 s
RthJA
440
530
°C/W
Steady State
540
650
SC-89 (6-LEADS)
6
4
1
2
3
5
Top View
D
D
G
D
D
S
Marking Code
Lot Traceability
and Date Code
Part Number Code
Ordering Information: Si1058X-T1-E3 (Lead (Pb)-free)
Si1058X-T1-GE3 (Lead (Pb)-free and Halogen-free)
WL
T
RoHS
COMPLIANT


同様の部品番号 - SI1058X_08

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1058X VISHAY-SI1058X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
More results

同様の説明 - SI1058X_08

メーカー部品番号データシート部品情報
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com