データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1305EDL データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI1305EDL
部品情報  P-Channel 1.8-V (G-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1305EDL データシート(HTML) 2 Page - Vishay Siliconix

  SI1305EDL Datasheet HTML 1Page - Vishay Siliconix SI1305EDL Datasheet HTML 2Page - Vishay Siliconix SI1305EDL Datasheet HTML 3Page - Vishay Siliconix SI1305EDL Datasheet HTML 4Page - Vishay Siliconix SI1305EDL Datasheet HTML 5Page - Vishay Siliconix SI1305EDL Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si1305DL
Vishay Siliconix
New Product
www.siliconix.com
S FaxBack 408-970-5600
2
Document Number: 71095
Pending—Rev. A, 09-Nov-99
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
–045
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "4.5 V
"1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = –6.4 V, VGS = 0 V
–1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = –6.4 V, VGS = 0 V, TJ = 70_C
–5
mA
On-State Drain Currenta
ID(on)
VDS = –5 V, VGS = –4.5 V
–3
A
DiS
OS
R
i
a
VGS = –4.5 V, ID = –1 A
0.230
0.280
W
Drain-Source On-State Resistancea
rDS(on)
VGS = –2.5 V, ID = –0.5 A
0.315
0.380
W
VGS = –1.8 V, ID = –0.3 A
0.440
0.530
Forward Transconductancea
gfs
VDS = –5 V, ID = –1 A
3.5
S
Diode Forward Voltagea
VSD
IS = –1 A, VGS = 0 V
–1.2
V
Dynamicb
Total Gate Charge
Qg
V4 V V
4 5 V I
1 A
2.6
4
C
Gate-Source Charge
Qgs
VDS = –4 V, VGS = –4.5 V, ID = –1 A
0.54
nC
Gate-Drain Charge
Qgd
0.52
Turn-On Delay Time
td(on)
V4 V R
4
W
206
330
Rise Time
tr
VDD = –4 V, RL = 4 W
I1 A V
4 5 V R
6
W
431
690
Turn-Off Delay Time
td(off)
DD
,
L
ID ^ –1 A, VGEN = –4.5 V, RG = 6 W
1350
2160
ns
Fall Time
tf
1000
1600
Source-Drain Reverse Recovery Time
trr
IF = –1 A, di/dt = 100 A/ms
500
800
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
2
4
6
8
0
0.5
1.0
1.5
2.0
2.5
3.0
VGS = 4.5 V
TC = –55_C
125
_C
2 V
25
_C
Output Characteristics
Transfer Characteristics
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
1.5 V
2.5 V
3 V
3.5 V
4 V
1 V


同様の部品番号 - SI1305EDL

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI1305DL VISHAY-SI1305DL Datasheet
110Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 13-Jun-05
SI1305DL VISHAY-SI1305DL Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
SI1305DL-T1 VISHAY-SI1305DL-T1 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
SI1305DL-T1-E3 VISHAY-SI1305DL-T1-E3 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
More results

同様の説明 - SI1305EDL

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com