データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI1551DL データシート(PDF) 7 Page - Vishay Siliconix

部品番号 SI1551DL
部品情報  Complementary 20-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1551DL データシート(HTML) 7 Page - Vishay Siliconix

  SI1551DL_08 Datasheet HTML 1Page - Vishay Siliconix SI1551DL_08 Datasheet HTML 2Page - Vishay Siliconix SI1551DL_08 Datasheet HTML 3Page - Vishay Siliconix SI1551DL_08 Datasheet HTML 4Page - Vishay Siliconix SI1551DL_08 Datasheet HTML 5Page - Vishay Siliconix SI1551DL_08 Datasheet HTML 6Page - Vishay Siliconix SI1551DL_08 Datasheet HTML 7Page - Vishay Siliconix SI1551DL_08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Si1551DL
Vishay Siliconix
Document Number: 71255
S-42353—Rev. C, 20-Dec-04
www.vishay.com
7
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
P−CHANNEL
10−3
10−2
1
10
600
10−1
10−4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 400_C/W
3. TJM − TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
10−3
10−2
110
10−1
10−4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Foot
Square Wave Pulse Duration (sec)
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and
Package Reliability represent a composite of all qualified locations.
For related documents such as package/tape drawings, part marking, and reliability data, see
http://www.vishay.com/ppg?71255.


同様の部品番号 - SI1551DL_08

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1551DL VISHAY-SI1551DL_05 Datasheet
313Kb / 5P
   Complementary 20-V (D-S) MOSFET
Rev. B, 28-Feb-05
More results

同様の説明 - SI1551DL_08

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI5515DC VISHAY-SI5515DC_V01 Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
SI1551DL VISHAY-SI1551DL Datasheet
62Kb / 7P
   Complementary 20-V (D-S) MOSFET
Rev. B, 12-Aug-02
SI5515DC VISHAY-SI5515DC Datasheet
82Kb / 8P
   Complementary 20-V (D-S) MOSFET
Rev. B, 14-Jun-04
SI5513DC VISHAY-SI5513DC Datasheet
83Kb / 7P
   Complementary 20-V (D-S) MOSFET
Rev. F, 15-Nov-04
SI1551DL VISHAY-SI1551DL_05 Datasheet
313Kb / 5P
   Complementary 20-V (D-S) MOSFET
Rev. B, 28-Feb-05
SI1551DL VISHAY-SI1551DL_10 Datasheet
238Kb / 12P
   Complementary 20 V (D-S) MOSFET
Rev. D, 19-Apr-10
logo
Guangdong Kexin Industr...
KI1551DL KEXIN-KI1551DL Datasheet
55Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI1553DL KEXIN-KI1553DL Datasheet
55Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI5515DC KEXIN-KI5515DC Datasheet
69Kb / 2P
   Complementary 20-V (D-S) MOSFET
KI5513DC KEXIN-KI5513DC Datasheet
70Kb / 2P
   Complementary 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com