データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BYM12-100 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 BYM12-100
部品情報  Surface Mount Glass Passivated Ultrafast Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYM12-100 データシート(HTML) 2 Page - Vishay Siliconix

  BYM12-100 Datasheet HTML 1Page - Vishay Siliconix BYM12-100 Datasheet HTML 2Page - Vishay Siliconix BYM12-100 Datasheet HTML 3Page - Vishay Siliconix BYM12-100 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BYM12-50 thru BYM12-400, EGL41A thru EGL41G
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88581
Revision: 27-Aug-07
2
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Notes:
(1) Thermal resistance from junction to ambient, 0.24 x 0.24" (6.0 x 6.0 mm) copper pads to each terminal
(2) Thermal resistance from junction to terminal, 0.24 x 0.24" (6.0 x 6.0 mm) copper pads to each terminal
Note:
(1) Automotive grade AEC Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST
CONDITIONS
SYMBOL
BYM12-50 BYM12-100
BYM12-150
BYM12-200
BYM12-300
BYM12-400
UNIT
EGL41A
EGL41B
EGL41C
EGL41D
EGL41F
EGL41G
Max. instantaneous
forward voltage (1)
1.0 A
VF
1.0
1.25
V
Max. DC reverse
current at rated DC
blocking voltage (1)
TA = 25 °C
TA = 125 °C
IR
5.0
50
µA
Max. reverse
recovery time
IF = 0.5 A,
IR = 1.0 A,
Irr = 0.25 A
trr
50
ns
Typical junction
capacitance
4.0 V, 1 MHz
CJ
20
14
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYM12-50 BYM12-100
BYM12-150
BYM12-200
BYM12-300
BYM12-400
UNIT
EGL41A
EGL41B
EGL41C
EGL41D
EGL41F
EGL41G
Maximum thermal resistance (1)(2)
RθJA
RθJT
60
30
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
EGL41D-E3/96
0.114
96
1500
7" diameter plastic tape and reel
EGL41D-E3/97
0.114
97
5000
13" diameter plastic tape and reel
EGL41DHE3/96 (1)
0.114
96
1500
7" diameter plastic tape and reel
EGL41DHE3/97 (1)
0.114
97
5000
13" diameter plastic tape and reel
Figure 1. Maximum Forward Current Derating Curve
0
0
1.0
75
50
25
100
125
150
175
0.5
Resistive or Inductive Load
Lead Temperature (°C)
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
0
5.0
10
15
20
25
30
1
100
10
Number of Cycles at 60 Hz
T
J = TJ Max.
8.3 ms Single Half Sine-Wave


同様の部品番号 - BYM12-100

メーカー部品番号データシート部品情報
logo
General Semiconductor
BYM12-100 GE-BYM12-100 Datasheet
65Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST EFFICIENT RECTIFIER
logo
Vishay Siliconix
BYM12-100 VISHAY-BYM12-100 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
More results

同様の説明 - BYM12-100

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
EGF1T VISHAY-EGF1T_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
BYM07-50 VISHAY-BYM07-50_11 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
logo
Shenzhen Taychipst Elec...
EGF1T TAYCHIPST-EGF1T Datasheet
2Mb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
SEMTECH ELECTRONICS LTD...
EGL34A SEMTECH_ELEC-EGL34A Datasheet
337Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Shenzhen Luguang Electr...
BYM07-50 LUGUANG-BYM07-50 Datasheet
328Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
EGL34D LUGUANG-EGL34D Datasheet
105Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
EGL34F LUGUANG-EGL34F Datasheet
105Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
Vishay Siliconix
BYM07-XXX VISHAY-BYM07-XXX Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 11-Dec-13
EGL34X VISHAY-EGL34X Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 11-Dec-13
EGF1A VISHAY-EGF1A_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
EGF1A VISHAY-EGF1A_15 Datasheet
92Kb / 5P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 16-Aug-13
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com