データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3442BDV データシート(PDF) 4 Page - Vishay Siliconix

部品番号 SI3442BDV
部品情報  N-Channel 2.5-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3442BDV データシート(HTML) 4 Page - Vishay Siliconix

  SI3442BDV Datasheet HTML 1Page - Vishay Siliconix SI3442BDV Datasheet HTML 2Page - Vishay Siliconix SI3442BDV Datasheet HTML 3Page - Vishay Siliconix SI3442BDV Datasheet HTML 4Page - Vishay Siliconix SI3442BDV Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
4
Document Number: 72504
S-71947-Rev. D, 10-Sep-07
Vishay Siliconix
Si3442BDV
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?72504.
Threshold Voltage
- 0.6
- 0.5
- 0.4
- 0.3
- 0.2
- 0.1
0.0
0.1
0.2
0.3
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
Single Pulse Power
0
8
2
4
Time (s)
1
600
10
6
0.1
0.01
100
TA = 25 °C
Single Pulse
Safe Operating Area
VDS - Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
0.01
10
TA = 25 °C
Single Pulse
0.1
rDS(on) Limited
BVDSS Limited
IDM Limited
1 ms
10 ms
100 ms
DC, 100 s, 10 s, 1 s
10 µs
100 µs
Normalized Thermal Transient Impedance, Junction-to-Ambient
10- 3
10- 2
1
10
600
10- 1
10- 4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 120 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM


同様の部品番号 - SI3442BDV

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI3442BDV VISHAY-SI3442BDV Datasheet
61Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 15-Mar-04
SI3442BDV VISHAY-SI3442BDV Datasheet
183Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
SI3442BDV VISHAY-SI3442BDV Datasheet
185Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
Si3442BDV VISHAY-Si3442BDV Datasheet
189Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
SI3442BDV VISHAY-SI3442BDV Datasheet
208Kb / 9P
   N-Channel 2.5-V (G-S) MOSFETs
01-Jan-2022
More results

同様の説明 - SI3442BDV

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI9428DY VISHAY-SI9428DY Datasheet
38Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 26-May-03
SI5404DC VISHAY-SI5404DC Datasheet
66Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI5406DC VISHAY-SI5406DC Datasheet
98Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. B, 05-Aug-02
logo
Guangdong Kexin Industr...
KI5404BDC KEXIN-KI5404BDC Datasheet
63Kb / 2P
   N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3442BDV VISHAY-SI3442BDV_17 Datasheet
189Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
SI9426DY VISHAY-SI9426DY Datasheet
39Kb / 4P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 26-May-03
SI4466DY-T1-E3 VISHAY-SI4466DY-T1-E3 Datasheet
230Kb / 8P
   N-Channel 2.5-V (G-S) MOSFET
Rev. F, 04-May-09
SI6466ADQ VISHAY-SI6466ADQ Datasheet
81Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. B, 18-Aug-03
SI3442BDV-T1-GE3 VISHAY-SI3442BDV-T1-GE3 Datasheet
185Kb / 9P
   N-Channel 2.5-V (G-S) MOSFET
Rev. E, 12-Oct-09
logo
Guangdong Kexin Industr...
KI5406DC KEXIN-KI5406DC Datasheet
62Kb / 2P
   N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3446DV VISHAY-SI3446DV Datasheet
91Kb / 5P
   N-Channel 2.5-V (G-S) MOSFET
Rev. C, 01-Aug-05
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com