データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3446ADV-T1-E3 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI3446ADV-T1-E3
部品情報  N-Channel 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3446ADV-T1-E3 データシート(HTML) 1 Page - Vishay Siliconix

  SI3446ADV-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI3446ADV-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI3446ADV-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI3446ADV-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI3446ADV-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI3446ADV-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI3446ADV-T1-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
Si3446ADV
New Product
Document Number: 73772
S-60469–Rev. A, 27-Mar-06
www.vishay.com
1
N-Channel 20-V (D-S) MOSFET
FEATURES
•TrenchFET® Power MOSFET
New Thermally Enhanced PowerPAK®
ChipFET® Package
- Small Footprint Area
- Low On-Resistance
- Thin 0.8-mm Profile
APPLICATIONS
Load Switch for Portable Applications
Small High Frequency DC-DC converter
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)
ID (A)
a
Qg (Typ)
20
0.037 at VGS = 4.5 V
6
5.6 nC
0.065 at VGS = 2.5V
6
Notes:
a. Package Limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 sec.
d. Maximum under steady state conditions is 110 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
6a
A
TC = 70 °C
5.9
TA = 25 °C
5.8b,c
TA = 70 °C
4.7b,c
Pulsed Drain Current
IDM
20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
2.7
TA = 25 °C
1.7b,c
Maximum Power Dissipation
TC = 25 °C
PD
3.2
W
TC = 70 °C
2.1
TA = 25 °C
2b,c
TA = 70 °C
1.25b,c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 sec
RthJA
51
62.5
°C/W
Maximum Junction-to-Foot
Steady State
RthJF
32
39
Marking Code
AC
XXX
Lot Traceability
and Date Code
Part # Code
Ordering Information: Si3446ADV–T1–E3 (Lead (Pb)–free)
N-Channel MOSFET
G
D
S
TSOP-6
Top View
6
4
1
2
3
5
3 mm
2.85 mm
D
D
D
D
S
G
(1, 2, 5, 6)
(3)
(4)
RoHS
COMPLIANT


同様の部品番号 - SI3446ADV-T1-E3

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
SI3446ADV-T1-GE3 VBSEMI-SI3446ADV-T1-GE3 Datasheet
476Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

同様の説明 - SI3446ADV-T1-E3

メーカー部品番号データシート部品情報
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com