データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3457CDV-T1-E3 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI3457CDV-T1-E3
部品情報  P-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3457CDV-T1-E3 データシート(HTML) 1 Page - Vishay Siliconix

  SI3457CDV-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI3457CDV-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI3457CDV-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI3457CDV-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI3457CDV-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI3457CDV-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI3457CDV-T1-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
Si3457CDV
Document Number: 68602
S-80894-Rev. A, 21-Apr-08
www.vishay.com
1
New Product
P-Channel 30-V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
APPLICATIONS
Load Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
- 30
0.074 at VGS = - 10 V
- 5.1
5.1 nC
0.113 at VGS = - 4.5 V
- 4.1
(4) S
(3) G
(1, 2, 5, 6) D
TSOP-6
Top View
6
4
1
2
3
5
Ordering Information: Si3457CDV-T1-E3 (Lead (Pb)-free)
P-Channel MOSFET
3 mm
2.85 mm
Marking Code
AT
XXX
Lot Traceability
and Date Code
Part # Code
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under Steady State conditions is 110 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 5.1
A
TC = 70 °C
- 4.1
TA = 25 °C
- 4.1b, c
TA = 70 °C
- 3.3b, c
Pulsed Drain Current
IDM
- 20
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 2.5
TA = 25 °C
- 1.67b, c
Maximum Power Dissipation
TC = 25 °C
PD
3.0
W
TC = 70 °C
2.0
TA = 25 °C
2.0b, c
TA = 70 °C
1.3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 5 s
RthJA
55
62.5
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
34
41
RoHS
COMPLIANT


同様の部品番号 - SI3457CDV-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI3457CDV-T1-E3 VISHAY-SI3457CDV-T1-E3 Datasheet
243Kb / 11P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI3457CDV-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com