データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

300194Z データシート(PDF) 2 Page - Vishay Siliconix

部品番号 300194Z
部品情報  Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

300194Z データシート(HTML) 2 Page - Vishay Siliconix

  300194Z Datasheet HTML 1Page - Vishay Siliconix 300194Z Datasheet HTML 2Page - Vishay Siliconix 300194Z Datasheet HTML 3Page - Vishay Siliconix 300194Z Datasheet HTML 4Page - Vishay Siliconix 300194Z Datasheet HTML 5Page - Vishay Siliconix 300194Z Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Document Number: 63114
For technical questions, contact: foil@vishay.com
www.vishay.com
Revision: 08-Aug-06
2
2R, 3R, 4R (Z-Foil Technology)
Ultra High Precision Z-Foil Voltage Divider and
Network Resistor with TCR Tracking to 0.1 ppm/°C
and Resistance Match to ± 0.005% (50 ppm)
Vishay Foil Resistors
SALES
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com
• UK/HOLLAND/SCANDINAVIA: foilsales.eunorth@vishay.com
• GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• ISRAEL: foilsales.israel@vishay.com
* Measurement error 0.001 R
TABLE 1 - TYPICAL PERFORMANCE CHARACTERISTICS*
TCR Tracking between all resistors
(Any ohmic value ratio is available within resistance
range)
available to:
typical
maximum
0.1 ppm/°C
0.5 ppm/°C
depends on resistance value
Ratio Tolerance between all resistors
available to:
0.005 % (50 ppm)
depends on resistance value
Max Ambient Temp. at Rated Wattage
+ 125°C
Max Ambient Temp. at Zero Power
+ 175°C
Thermal Shock
ΔR
ΔRatio
0.002% (20 ppm)
0.002% (20 ppm)
Low Temperature Operation
ΔR
ΔRatio
0.005% (50 ppm)
0.002% (20 ppm)
Short Time Overload
ΔR
ΔRatio
0.002% (20 ppm)
0.002% (20 ppm)
Terminal Strength
ΔR
ΔRatio
0.001% (10 ppm)
0.001% (10 ppm)
Resistance to Soldering Heat
ΔR
ΔRatio
0.002% (20 ppm)
0.001% (10 ppm)
Moisture Resistance
ΔR
ΔRatio
0.003% (30 ppm)
0.003% (30 ppm)
Shock
ΔR
ΔRatio
0.001% (10 ppm)
0.001% (10 ppm)
Vibration High Frequency
ΔR
ΔRatio
0.001% (10 ppm)
0.001% (10 ppm)
Life
0.3W at + 125°C
0.02W at + 60°C
0.05W at + 25°C
ΔR
ΔRatio
ΔR
ΔRatio
ΔR
ΔRatio
0.01% (100 ppm)
0.01% (100 ppm)
0.003% (30 ppm)
0.001% (10 ppm)
0.002% (20 ppm)
0.001% (10 ppm)
High Temperature Exposure
ΔR
ΔRatio
0.01% (100 ppm)
0.01% (100 ppm)
Low Temperature Storage
ΔR
ΔRatio
0.002% (20 ppm)
0.002% (20 ppm)
Insulation Resistance
> 104M
Ω
Dielectric Withstanding Voltage
No Change
Voltage Coefficient
ΔR
ΔRatio
0.1ppm/V
0.1ppm/V
Noise
N/A
- 40dB
Inductance
N/A
0.08µH
Capacitance
N/A
0.5pF
Rise Time
N/A
1ns at 1k
Ω
Thermal EMF lead to lead
N/A
0.04µV/°C
Thermal EMF air circulation
N/A
0.02µV/°C
Thermal EMF power
N/A
0.1µV for 20mW
Shelf Life
ΔR
ΔRatio
25 ppm/year
10 ppm/year


同様の部品番号 - 300194Z

メーカー部品番号データシート部品情報
logo
PHOENIX CONTACT
3001940 PHOENIX-3001940 Datasheet
349Kb / 14P
   Marshalling patchboard - PTMC 1,5 /2-2 -DF
Jun 23, 2022
3001942 PHOENIX-3001942 Datasheet
349Kb / 14P
   Marshalling patchboard - PTMC 1,5 /3-2 -DF
Jun 23, 2022
3001943 PHOENIX-3001943 Datasheet
349Kb / 14P
   Marshalling patchboard - PTMC 1,5 /4-2 -DF
Jun 23, 2022
3001944 PHOENIX-3001944 Datasheet
349Kb / 14P
   Marshalling patchboard - PTMC 1,5 /5-2 -DF
Jun 22, 2022
3001945 PHOENIX-3001945 Datasheet
349Kb / 14P
   Marshalling patchboard - PTMC 1,5 /6-2 -DF
Jun 22, 2022
More results

同様の説明 - 300194Z

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
300144 VISHAY-300144_07 Datasheet
122Kb / 5P
   High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Revision: 21-Nov-07
VFB1012D VISHAY-VFB1012D Datasheet
137Kb / 5P
   Ultra High Precision Z-Foil BGA Surface Mount Voltage Divider with 0.1 ppm/°C TCR Tracking,
Revision: 18-Apr-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
VCS232Z VISHAY-VCS232Z Datasheet
101Kb / 3P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of ± 0.05 ppm/°C and Load Life Stability to ± 0.005%
Revision: 08-Aug-06
VFCD1505 VISHAY-VFCD1505 Datasheet
109Kb / 4P
   Z-Foil Surface Mount Flip Chip Voltage Divider TCR Tracking of 0.1 ppm/째C,
Revision: 30-Oct-08
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
   Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
Revision: 13-Nov-07
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 16-Jul-07
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com