データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

300210Z データシート(PDF) 4 Page - Vishay Siliconix

部品番号 300210Z
部品情報  Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

300210Z データシート(HTML) 4 Page - Vishay Siliconix

  300210Z Datasheet HTML 1Page - Vishay Siliconix 300210Z Datasheet HTML 2Page - Vishay Siliconix 300210Z Datasheet HTML 3Page - Vishay Siliconix 300210Z Datasheet HTML 4Page - Vishay Siliconix 300210Z Datasheet HTML 5Page - Vishay Siliconix 300210Z Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Document Number: 63114
For technical questions, contact: foil@vishay.com
www.vishay.com
Revision: 08-Aug-06
4
2R, 3R, 4R (Z-Foil Technology)
Ultra High Precision Z-Foil Voltage Divider and
Network Resistor with TCR Tracking to 0.1 ppm/°C
and Resistance Match to ± 0.005% (50 ppm)
Vishay Foil Resistors
SALES
• AMERICAS: foilsales.usa@vishay.com
• ASIA/JAPAN: foilsales.asia@vishay.com
• UK/HOLLAND/SCANDINAVIA: foilsales.eunorth@vishay.com
• GERMANY/CZECH REPUBLIC/AUSTRIA: foilsales.eucentral@vishay.com
• FRANCE/SWITZERLAND/SOUTHERN EUROPE: foilsales.eusouth@vishay.com
• ISRAEL: foilsales.israel@vishay.com
FIGURE 6 - MOLDED 2R, 3R, 4R RESISTOR NETWORK DIMENSIONS AND CIRCUIT DESIGN in inches (millimeters)
23
R2
R3
1
R1
56
R4
4
23
5
R2
R3
1
R1
67
R4
4
23
R2
R3
1
R1
56
R4
4
23
4
R2
R3
1
R1
5
R4
MODEL 300194Z
(with Z-Foil
Technology)
12
4
R1
R2
3
6
R3
5
MODEL 300198Z
(with Z-Foil
Technology)
MODEL 300196Z
(with Z-Foil
Technology)
MODEL 300197Z
(with Z-Foil
Technology)
MODEL 300195Z
(with Z-Foil
Technology)
0.150
(3.81)
0.150
(3.81)
0.100
(2.54)
0.820 (20.828) Max
0.160 Max
(4.06)
Tol.: ± 0.010" (0.254 mm)
Lead Length 0.750" (19.05 mm) Min
0.413
(10.490)
Max
1
26
0.150
(3.81)
4
5
3
0.100
(2.54)
Tol.: ± 0.010" (0.254 mm)
Lead Length 0.750" (19.05 mm) Min
0.250
(6.35)
0.250
(6.35)
0.413
(10.490)
max
1.20 (30.48) Max
0.245 (6.223)
3
0.250
(6.35)
5
4
1
2
0.150
(3.81)
0.413
(10.490)
max
0.245 (6.223)
3
0.250
(6.35)
5
0.150
(3.81)
6
0.100
(2.54)
4
0.250
(6.35)
1
2
0.150
(3.81)
Tol.: ± 0.010" (0.254 mm)
Lead Length 0.750" (19.05 mm) Min
1.20 (30.48) Max
0.413
(10.490)
max
0.245 (6.223)
3
0.250
(6.35)
6
0.150
(3.81)
7
0.100
(2.54)
5
0.100
(2.54)
0.150
(3.81)
1
2
0.150
(3.81)
4
Tol.: ± 0.010" (0.254 mm)
Lead Length 0.750" (19.05 mm) Min
1.20 (30.48) Max
0.250
(6.35)
0.150
(3.81)
0.413
(10.490)
max
0.245 (6.223)
3
0.250
(6.35)
6
5
0.100
(2.54)
1
2
0.150
(3.81)
4
Tol.: ± 0.010" (0.254 mm)
Lead Length 0.750" (19.05 mm) Min
1.20 (30.48) Max


同様の部品番号 - 300210Z

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
300210 VISHAY-300210 Datasheet
123Kb / 4P
   Bulk Metal Foil Technology Molded Resistor Networks
Revision 18-Aug-04
300210-12 VISHAY-300210-12 Datasheet
123Kb / 4P
   Bulk Metal Foil Technology Molded Resistor Networks
Revision 18-Aug-04
logo
PHOENIX CONTACT
3002102 PHOENIX-3002102 Datasheet
140Kb / 6P
   FKC 2,5/15-STF-5,08
3002102 PHOENIX-3002102 Datasheet
177Kb / 7P
   FRONT-MSTB 2,5/ 5-ST-5,08
3002102 PHOENIX-3002102 Datasheet
147Kb / 7P
   MSTB 2,5/15-ST-5,08
More results

同様の説明 - 300210Z

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
300144 VISHAY-300144_07 Datasheet
122Kb / 5P
   High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Revision: 21-Nov-07
VFB1012D VISHAY-VFB1012D Datasheet
137Kb / 5P
   Ultra High Precision Z-Foil BGA Surface Mount Voltage Divider with 0.1 ppm/°C TCR Tracking,
Revision: 18-Apr-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
VCS232Z VISHAY-VCS232Z Datasheet
101Kb / 3P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of ± 0.05 ppm/°C and Load Life Stability to ± 0.005%
Revision: 08-Aug-06
VFCD1505 VISHAY-VFCD1505 Datasheet
109Kb / 4P
   Z-Foil Surface Mount Flip Chip Voltage Divider TCR Tracking of 0.1 ppm/째C,
Revision: 30-Oct-08
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
   Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
Revision: 13-Nov-07
VPR221Z VISHAY-VPR221Z Datasheet
114Kb / 4P
   Ultra High Precision Z-Foil Power Resistor in TO-220 Configuration with TCR of ± 0.05 ppm/°C,
Revision: 16-Jul-07
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com