データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI5486DU-T1-GE3 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI5486DU-T1-GE3
部品情報  N-Channel 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5486DU-T1-GE3 データシート(HTML) 2 Page - Vishay Siliconix

  SI5486DU-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI5486DU-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI5486DU-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI5486DU-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI5486DU-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI5486DU-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI5486DU-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 73783
S-81449-Rev. B, 23-Jun-08
Vishay Siliconix
Si5486DU
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
20
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
21
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 3.4
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
0.4
1
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
ns
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
µA
VDS = 20 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 4.5 V
40
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 7.7 A
0.012
0.015
Ω
VGS = 2.5 V, ID = 7.3 A
0.014
0.017
VGS = 1.8 V, ID = 4.8 A
0.017
0.021
Forward Transconductancea
gfs
VDS = 10 V, ID = 7.7 A
46
S
Dynamicb
Input Capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
2100
pF
Output Capacitance
Coss
310
Reverse Transfer Capacitance
Crss
180
Total Gate Charge
Qg
VDS = 10 V, VGS = 8 V, ID = 9.3 A
36
54
nC
VDS = 10 V, VGS = 4.5 V, ID = 9.3 A
21
32
Gate-Source Charge
Qgs
3.3
Gate-Drain Charge
Qgd
3.1
Gate Resistance
Rg
f = 1 MHz
5
Ω
Turn-on Delay Time
td(on)
VDD = 10 V, RL = 1.1 Ω
ID ≅ 9.3 A, VGEN = 4.5 V, Rg = 1 Ω
10
15
ns
Rise Time
tr
15
25
Turn-Off Delay Time
td(off)
50
75
Fall Time
tf
15
25
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 1.1 Ω
ID ≅ 9.3 A, VGEN = 10 V, Rg = 1 Ω
715
Rise Time
tr
15
25
Turn-Off Delay Time
td(off)
55
85
Fall Time
tf
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
12
A
Pulse Diode Forward Current
ISM
40
Body Diode Voltage
VSD
IS = 9.1 A, VGS = 0 V
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 9.3 A, dI/dt = 100 A/µs, TJ = 25 °C
30
60
ns
Body Diode Reverse Recovery Charge
Qrr
17
30
nC
Reverse Recovery Fall Time
ta
12
ns
Reverse Recovery Rise Time
tb
18


同様の部品番号 - SI5486DU-T1-GE3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI5486DUV VISHAY-SI5486DUV Datasheet
236Kb / 3P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 10-Apr-06
More results

同様の説明 - SI5486DU-T1-GE3

メーカー部品番号データシート部品情報
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com