データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

300144TR1TCR2ABB データシート(PDF) 4 Page - Vishay Siliconix

部品番号 300144TR1TCR2ABB
部品情報  High Precision Voltage Divider Resistors with TCR Tracking to 0.5 ppm/°C and Tolerance Match to 0.005 % (50 ppm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

300144TR1TCR2ABB データシート(HTML) 4 Page - Vishay Siliconix

  300144TR1TCR2ABB Datasheet HTML 1Page - Vishay Siliconix 300144TR1TCR2ABB Datasheet HTML 2Page - Vishay Siliconix 300144TR1TCR2ABB Datasheet HTML 3Page - Vishay Siliconix 300144TR1TCR2ABB Datasheet HTML 4Page - Vishay Siliconix 300144TR1TCR2ABB Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
300144, 300145
Vishay Foil Resistors
High Precision Voltage Divider Resistors
with TCR Tracking to 0.5 ppm/°C and
Tolerance Match to 0.005 % (50 ppm)
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63045
4
Revision: 21-Nov-07
TABLE 3 - RESISTANCE VALUE CODE LIST FOR POPULAR RATIOS
(other values available on request)
300144 RATIOS
300145 RATIOS
VCODES
R1
R2
VCODES
R1
R2
VCODES
R1
R2
R3
R4
V0009
20K
20K
V0002
5K
5K
V0008
10K
10K
10K
10K
V0010
20K
10K
V0026
3K
19K2
V0019
5K
5K
5K
5K
V0100
20K
2K
V0156
3K
6K
V0092
1K
7K812
7K812
1K
V0055
19K4
9K7
V0158
2K7
10K
V0023
500R
500R
500R
500R
V0223
17K5
20K
V0058
2K
20K
V0047
100R
8K8
100R
8K8
V0097
15K
15K
V0030
2K
18K
V0051
100R
10K
100R
10K
V0094
10K
20K
V0029
2K
4K
V0051
100R
10K
100R
10K
V0001
10K
10K
V0103
2K
3K
V0227
350R
350R
350R
350R
V0042
10K
8K323
V0059
2K
2K
-
-
-
-
-
V0006
10K
2K
V0103
1K5
3K
-
-
-
-
-
V0226
9K
10K
V0032
1K
16K
-
-
-
-
-
V0003
9K
1K
V0121
1K
2K
-
-
-
-
-
V0013
8K
16K
V0004
1K
1K
-
-
-
-
-
V0107
6K
20K
V0022
511R
16K2
-
-
-
-
-
V0014
6K
7K
V0162
500R
15K
-
-
-
-
-
V0159
5K5
7K7
V0091
500R
500R
-
-
-
-
-
V0005
5K
10K
V0061
300R
300R
-
-
-
-
-


同様の部品番号 - 300144TR1TCR2ABB

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
300144 VISHAY-300144 Datasheet
110Kb / 2P
   Bulk Metal Foil Technology Small Package, Ultimate Tracking Voltage Dividers
Revision 19-Jul-02
300144Z VISHAY-300144Z Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Revision: 21-Nov-07
300144ZTR1TCR0.2AAB VISHAY-300144ZTR1TCR0.2AAB Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Revision: 21-Nov-07
300144ZTR1TCR0.2ABB VISHAY-300144ZTR1TCR0.2ABB Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Revision: 21-Nov-07
300144ZTR1TCR0.2ADB VISHAY-300144ZTR1TCR0.2ADB Datasheet
130Kb / 5P
   Ultra High Precision Z-Foil Voltage Divider Resistors with TCR
Revision: 21-Nov-07
More results

同様の説明 - 300144TR1TCR2ABB

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
300190Z VISHAY-300190Z Datasheet
148Kb / 6P
   Ultra High Precision Z-Foil Voltage Divider and Network Resistor with TCR Tracking to 0.1 ppm/°C and Resistance Match to ± 0.005% (50 ppm)
Revision: 08-Aug-06
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
VFB1012D VISHAY-VFB1012D Datasheet
137Kb / 5P
   Ultra High Precision Z-Foil BGA Surface Mount Voltage Divider with 0.1 ppm/°C TCR Tracking,
Revision: 18-Apr-07
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
logo
Vaishali Semiconductor
VHD200 VAISH-VHD200 Datasheet
130Kb / 5P
   Bulk Metal짰 Foil Hermetically sealed, Small Package, Voltage Dividers with TCR Tracking of 0.1 ppm/째C and Tolerance Match down to 0.001 %
logo
Vishay Siliconix
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
   Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 17-Jun-08
Z202 VISHAY-Z202 Datasheet
103Kb / 4P
   Ultra High Precision Z-Foil Miniature Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power and Tolerance to ± 0.01 %
Revision: 13-Nov-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com