データシートサーチシステム |
|
BZW03D24 データシート(PDF) 4 Page - Vishay Siliconix |
|
BZW03D24 データシート(HTML) 4 Page - Vishay Siliconix |
4 / 6 page www.vishay.com 4 Document Number 85602 Rev. 1.4, 13-Apr-05 BZW03-Series Vishay Semiconductors Typical Characteristics (Tamb = 25 °C unless otherwise specified) Package Dimensions in mm (Inches) Figure 1. Epoxy Glass Hard Tissue, Board Thickness 1.5 mm, RthJA≤70 K/W Figure 2. Total Power Dissipation vs. Ambient Temperature 37.5 50 3 2 50 7 94 9087 0 0 2 4 6 8 95 9608 40 80 120 160 Tamb– Ambient Temperature ( °C ) 200 ll TL=constant l=10mm see Fig.1 15mm 20mm Figure 3. Forward Current vs. Forward Voltage Figure 4. Non Repetitive Surge Power Dissipation vs. Pulse Length 0 0.5 1.0 1.5 0 1 2 3 4 6 2.0 95 9609 VF – Forward Voltage(V) 5 Tj=25°C 0.01 0.1 1 10 10 100 1000 10000 tp – Pulse Length ( ms ) 100 95 9610 tp Tj=25°C Cathode Identification 4.3 (0.168) max. 1.35 (0.053) max. 4.0 (0.156) max. Sintered Glass Case SOD-64 94 9587 26(1.014) min. 26 (1.014) min. ISO Method E |
同様の部品番号 - BZW03D24 |
|
同様の説明 - BZW03D24 |