データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCUT1300X01 データシート(PDF) 3 Page - Vishay Siliconix

部品番号 TCUT1300X01
部品情報  Subminiature Dual Channel Transmissive Optical Sensor with
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCUT1300X01 データシート(HTML) 3 Page - Vishay Siliconix

  TCUT1300X01_07 Datasheet HTML 1Page - Vishay Siliconix TCUT1300X01_07 Datasheet HTML 2Page - Vishay Siliconix TCUT1300X01_07 Datasheet HTML 3Page - Vishay Siliconix TCUT1300X01_07 Datasheet HTML 4Page - Vishay Siliconix TCUT1300X01_07 Datasheet HTML 5Page - Vishay Siliconix TCUT1300X01_07 Datasheet HTML 6Page - Vishay Siliconix TCUT1300X01_07 Datasheet HTML 7Page - Vishay Siliconix TCUT1300X01_07 Datasheet HTML 8Page - Vishay Siliconix TCUT1300X01_07 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TCUT1300X01
Document Number 84756
Rev. 2.3, 20-Jul-07
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics
Tamb = 25 °C, unless otherwise specified
Figure 2. Test Circuit for tr and tf
Channel I
Channel II
20688
+ 5 V
IC
adjusted by I
IF
0
IF
RG = 50 Ω
tp
tp = 1 ms
T
= 20
Oscilloscope
50
Ω
100
Ω
F
RL
1 M
CL
20 pF
Figure 3. Switching Times
t p
t
t
0
0
10 %
90 %
100 %
tr
td
ton
ts
tf
toff
IF
IC
96 11698
tp
pulse duration
td
delay time
tr
rise time
ton (= t + t )
d
r
turn-on time
ts
storage time
t f
fall time
toff (= ts +t f)
turn-off time
Figure 4. Forward Current vs. Forward Voltage
Figure 5. Forward Voltage vs. Ambient Temperature
0.1
1
10
100
1000
0
0.2 0.4 0.6 0.8 1
1.2 1.4 1.6 1.8 22.2
V
F - Forward Voltage (V)
20589
1.0
1.1
1.2
1.3
1.4
- 40
- 20
0
20
40
60
80100
T
amb - Ambient Temperature (°C)
I
F = 15 mA
20592
Figure 6. Collector Current vs. Forward Current
Figure 7. Collector Current vs. Collector Emitter Voltage
0.001
0.01
0.1
1
10
0.1
1
10
100
I
F - Forward Current (mA)
20591
V
CE = 5 V
0.01
0.1
1
10
0.1
1
10
100
V
CE - Collector Emitter Voltage (V)
20689
I
F = 25 mA
I
F = 15 mA
I
F = 5 mA
I
F = 3 mA


同様の部品番号 - TCUT1300X01_07

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TCUT1300X01 VISHAY-TCUT1300X01_11 Datasheet
324Kb / 13P
   Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
Rev. 2.7, 17-May-11
TCUT1300X01 VISHAY-TCUT1300X01_V01 Datasheet
313Kb / 13P
   Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
01-Jan-2022
More results

同様の説明 - TCUT1300X01_07

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TCUT1300X01 VISHAY-TCUT1300X01 Datasheet
190Kb / 8P
   Subminiature Dual Channel Transmissive Optical Sensor with
Rev. 2.2, 10-May-07
TCUT1350X01 VISHAY-TCUT1350X01 Datasheet
319Kb / 13P
   Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
Rev. 1.0, 14-Mar-13
TCUT1350X01 VISHAY-TCUT1350X01_V01 Datasheet
320Kb / 13P
   Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
01-Jan-2022
TCUT1300X01 VISHAY-TCUT1300X01_11 Datasheet
324Kb / 13P
   Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
Rev. 2.7, 17-May-11
TCUT1300X01 VISHAY-TCUT1300X01_V01 Datasheet
313Kb / 13P
   Subminiature Dual Channel Transmissive Optical Sensor with Phototransistor Outputs
01-Jan-2022
TCPT1300X01 VISHAY-TCPT1300X01_11 Datasheet
323Kb / 13P
   Subminiature Transmissive Optical Sensor with Transistor Output
Rev. 1.7, 17-May-11
TCPT1350X01 VISHAY-TCPT1350X01 Datasheet
317Kb / 13P
   Subminiature Transmissive Optical Sensor with Transistor Output
Rev. 1.0, 14-Mar-13
TCPT1350X01 VISHAY-TCPT1350X01_V01 Datasheet
319Kb / 13P
   Subminiature Transmissive Optical Sensor with Transistor Output
01-Jan-2022
TCPT1300X01 VISHAY-TCPT1300X01_V01 Datasheet
312Kb / 13P
   Subminiature Transmissive Optical Sensor with Transistor Output
01-Jan-2022
TCPT1200X01 VISHAY-TCPT1200X01 Datasheet
95Kb / 9P
   Subminiature Transmissive Optical Sensor with Phototransistor Output
Rev. A2, 01-Jun-99
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com