データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BZW04-342 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 BZW04-342
部品情報  TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZW04-342 データシート(HTML) 1 Page - Vishay Siliconix

  BZW04-342 Datasheet HTML 1Page - Vishay Siliconix BZW04-342 Datasheet HTML 2Page - Vishay Siliconix BZW04-342 Datasheet HTML 3Page - Vishay Siliconix BZW04-342 Datasheet HTML 4Page - Vishay Siliconix BZW04-342 Datasheet HTML 5Page - Vishay Siliconix BZW04-342 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BZW04P-5V8 thru BZW04-376
Vishay General Semiconductor
Document Number: 88316
Revision: 22-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
TRANSZORB® Transient Voltage Suppressors
FEATURES
• Glass passivated chip junction
• Available in uni-directional and bi-directional
• 400 W peak pulse power capability with a
10/1000 µs waveform, repetitive rate (duty
cycle): 0.01 %
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and
lighting on ICs, MOSFET, signal lines of sensor
units
for
consumer,
computer,
industrial
and
telecommunication.
MECHANICAL DATA
Case: DO-204AL, molded epoxy over passivated chip
Molding compound meets UL 94 V-0 flammability
rating
Base P/N-E3 - RoHS compliant, commercial grade
Base P/NHE3 - RoHS compliant, high reliability/
automotive grade (AEC Q101 qualified)
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3
suffix meets JESD 201 class 2 whisker test
Note: BZW04-213(B) ~ BZW04-376(B) for commercial grade only
Polarity: For uni-directional types the color band
denotes cathode end, no marking on bi-directional
types
DEVICES FOR BI-DIRECTION APPLICATIONS
For
bi-directional
types,
use
B
suffix
(e.g.
BZW04P-6V4B).
Electrical characteristics apply in both directions.
PRIMARY CHARACTERISTICS
VWM
5.8 V to 376 V
PPPM
400 W
PD
1.5 W
IFSM (uni-directional only)
40 A
TJ max.
175 °C
DO-204AL (DO-41)
Notes:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 °C per Fig. 2
(2) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
(3) VF = 3.5 V for BZW04P(-)188 and below; VF = 5.0 V for BZW04P(-)213 and above
MAXIMUM RATINGS AND THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Peak pulse power dissipation with a 10/1000 µs waveform (1) (Fig. 1)
PPPM
400
W
Peak pulse current with a 10/1000 µs waveform (1)
IPPM
See next table
A
Power dissipation on infinite heatsink at TL = 75 °C (Fig. 5)
PD
1.5
W
Peak forward surge current, 8.3 ms single half sine-wave uni-directional only (2)
IFSM
40
A
Maximum instantaneous forward voltage at 25 A for uni-directional only (3)
VF
3.5/5.0
V
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 175
°C


同様の部品番号 - BZW04-342

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BZW04-342 STMICROELECTRONICS-BZW04-342 Datasheet
130Kb / 6P
   TRANSIL
logo
Shenzhen Luguang Electr...
BZW04-342 LUGUANG-BZW04-342 Datasheet
189Kb / 4P
   Transient Voltage Suppressor
logo
EIC discrete Semiconduc...
BZW04-342 EIC-BZW04-342 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
BZW04-342 DIOTEC-BZW04-342 Datasheet
107Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
General Semiconductor
BZW04-342 GE-BZW04-342 Datasheet
55Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - BZW04-342

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
P4KE6.8 VISHAY-P4KE6.8 Datasheet
107Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
1.5KE12A-E3-73 VISHAY-1.5KE12A-E3-73 Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
5KP30A-E3-54 VISHAY-5KP30A-E3-54 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 20-Nov-12
1N6386 VISHAY-1N6386 Datasheet
98Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P6KE400CA-E354 VISHAY-P6KE400CA-E354 Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
ICTE8-E354 VISHAY-ICTE8-E354 Datasheet
89Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
5KP188A VISHAY-5KP188A Datasheet
104Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
SA170CA VISHAY-SA170CA Datasheet
117Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
5KP188A VISHAY-5KP188A_V02 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
09-Jul-2021
5KP188A VISHAY-5KP188A_V03 Datasheet
82Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com