データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSHA4400 データシート(PDF) 5 Page - Vishay Siliconix

部品番号 TSHA4400
部品情報  Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHA4400 データシート(HTML) 5 Page - Vishay Siliconix

  TSHA4400 Datasheet HTML 1Page - Vishay Siliconix TSHA4400 Datasheet HTML 2Page - Vishay Siliconix TSHA4400 Datasheet HTML 3Page - Vishay Siliconix TSHA4400 Datasheet HTML 4Page - Vishay Siliconix TSHA4400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


同様の部品番号 - TSHA4400

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TSHA4400 VISHAY-TSHA4400 Datasheet
83Kb / 5P
   GaAlAs Infrared Emitting Diodes in ø 3 mm (T–1) Package
Rev. 2, 20-May-99
TSHA4400 VISHAY-TSHA4400 Datasheet
119Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.8, 15-Sep-14
TSHA4400 VISHAY-TSHA4400 Datasheet
117Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA4400 VISHAY-TSHA4400 Datasheet
117Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2023
More results

同様の説明 - TSHA4400

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TSHA6500 VISHAY-TSHA6500 Datasheet
114Kb / 6P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.7, 05-Sep-08
TSTA7500 VISHAY-TSTA7500_V02 Datasheet
139Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
01-Jan-2023
TSTA7500 VISHAY-TSTA7500_08 Datasheet
147Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.7, 04-Sep-08
TSTA7300 VISHAY-TSTA7300_08 Datasheet
151Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.7, 04-Sep-08
TSHA5200 VISHAY-TSHA5200_08 Datasheet
122Kb / 6P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.7, 05-Sep-08
TSHA5500 VISHAY-TSHA5500_08 Datasheet
114Kb / 6P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.5, 05-Sep-08
TSTA7100 VISHAY-TSTA7100_08 Datasheet
150Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.7, 04-Sep-08
TSTA7300 VISHAY-TSTA7300_V02 Datasheet
143Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
01-Jan-2023
TSHA6200 VISHAY-TSHA6200_08 Datasheet
122Kb / 6P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.6, 05-Sep-08
TSTA7300 VISHAY-TSTA7300_V01 Datasheet
144Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
01-Jan-2022
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com