データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSHA4400 データシート(PDF) 3 Page - Vishay Siliconix

部品番号 TSHA4400
部品情報  Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSHA4400 データシート(HTML) 3 Page - Vishay Siliconix

  TSHA4400 Datasheet HTML 1Page - Vishay Siliconix TSHA4400 Datasheet HTML 2Page - Vishay Siliconix TSHA4400 Datasheet HTML 3Page - Vishay Siliconix TSHA4400 Datasheet HTML 4Page - Vishay Siliconix TSHA4400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 81017
For technical questions, contact: emittertechsupport@vishay.com
www.vishay.com
Rev. 1.6, 16-Sep-08
149
TSHA4400, TSHA4401
Infrared Emitting Diode, RoHS Compliant,
875 nm, GaAlAs
Vishay Semiconductors
BASIC CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 3 - Pulse Forward Current vs. Pulse Duration
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Relative Forward Voltage vs. Ambient Temperature
Fig. 6 - Radiant Intensity vs. Forward Current
Fig. 7 - Radiant Power vs. Forward Current
Fig. 8 - Relative Radiant Intensity/Power vs. Ambient Temperature
t p - Pulse Duration (ms)
94 7947
10 0
10 1
101
10-1
10 -1
10 0
10 2
10 -2
t p/T = 0.01, I FM =2A
0.05
0.1
0.5
0.02
0.2
VF - Forward Voltage (V)
94 8005
101
102
103
104
t
p = 100 µs
t
p/T= 0.001
4
3
2
1
0
0.7
0.8
0.9
1.0
1.1
1.2
94 7990
T
amb - Ambient Temperature (°C)
100
80
60
40
20
0
I
F = 10 mA
IF - Forward Current (mA)
94 7942
103
101
102
104
100
1
10
100
1000
TSHA 4401
TSHA 4400
IF - Forward Current (mA)
94 7943
103
101
102
104
100
0.1
1
10
1000
100
- 10
10
50
0
100
0
0.4
0.8
1.2
1.6
140
94 8020
IF = 20 mA
Tamb - Ambient Temperature (°C)


同様の部品番号 - TSHA4400

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TSHA4400 VISHAY-TSHA4400 Datasheet
83Kb / 5P
   GaAlAs Infrared Emitting Diodes in ø 3 mm (T–1) Package
Rev. 2, 20-May-99
TSHA4400 VISHAY-TSHA4400 Datasheet
119Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
Rev. 1.8, 15-Sep-14
TSHA4400 VISHAY-TSHA4400 Datasheet
117Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2022
TSHA4400 VISHAY-TSHA4400 Datasheet
117Kb / 5P
   Infrared Emitting Diode, 875 nm, GaAlAs
01-Jan-2023
More results

同様の説明 - TSHA4400

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TSHA6500 VISHAY-TSHA6500 Datasheet
114Kb / 6P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.7, 05-Sep-08
TSTA7500 VISHAY-TSTA7500_V02 Datasheet
139Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
01-Jan-2023
TSTA7500 VISHAY-TSTA7500_08 Datasheet
147Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.7, 04-Sep-08
TSTA7300 VISHAY-TSTA7300_08 Datasheet
151Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.7, 04-Sep-08
TSHA5200 VISHAY-TSHA5200_08 Datasheet
122Kb / 6P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.7, 05-Sep-08
TSHA5500 VISHAY-TSHA5500_08 Datasheet
114Kb / 6P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.5, 05-Sep-08
TSTA7100 VISHAY-TSTA7100_08 Datasheet
150Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.7, 04-Sep-08
TSTA7300 VISHAY-TSTA7300_V02 Datasheet
143Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
01-Jan-2023
TSHA6200 VISHAY-TSHA6200_08 Datasheet
122Kb / 6P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
Rev. 1.6, 05-Sep-08
TSTA7300 VISHAY-TSTA7300_V01 Datasheet
144Kb / 5P
   Infrared Emitting Diode, RoHS Compliant, 875 nm, GaAlAs
01-Jan-2022
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com