データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SUM40N10-30 データシート(PDF) 6 Page - Vishay Siliconix

部品番号 SUM40N10-30
部品情報  N-Channel 100-V (D-S) 175 °C MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM40N10-30 データシート(HTML) 6 Page - Vishay Siliconix

  SUM40N10-30_08 Datasheet HTML 1Page - Vishay Siliconix SUM40N10-30_08 Datasheet HTML 2Page - Vishay Siliconix SUM40N10-30_08 Datasheet HTML 3Page - Vishay Siliconix SUM40N10-30_08 Datasheet HTML 4Page - Vishay Siliconix SUM40N10-30_08 Datasheet HTML 5Page - Vishay Siliconix SUM40N10-30_08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


同様の部品番号 - SUM40N10-30_08

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SUM40N10-30 VISHAY-SUM40N10-30 Datasheet
42Kb / 5P
   N-Channel 100-V (D-S) 175C MOSFET
Rev. A, 24-Mar-03
More results

同様の説明 - SUM40N10-30_08

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SUP40N10-30 VISHAY-SUP40N10-30 Datasheet
98Kb / 6P
   N-Channel 100-V (D-S) 175 °C MOSFET
Rev. C, 06-Aug-07
SUU50N10-18P VISHAY-SUU50N10-18P Datasheet
128Kb / 8P
   N-Channel 100-V (D-S), 175 °C MOSFET
Rev. B, 25-Aug-08
SUM34N10-35 VISHAY-SUM34N10-35 Datasheet
41Kb / 5P
   N-Channel 100-V (D-S) 175C MOSFET
Rev. A, 03-Mar-03
SUD06N10-225L VISHAY-SUD06N10-225L_08 Datasheet
91Kb / 5P
   N-Channel 100-V (D-S) 175C MOSFET
Rev. B, 20-Dec-04
SUD50N10-18P VISHAY-SUD50N10-18P Datasheet
128Kb / 8P
   N-Channel 100-V (D-S), 175 °C MOSFET
Rev. B, 25-Aug-08
SUM110N10 VISHAY-SUM110N10 Datasheet
156Kb / 8P
   N-Channel 100 V (D-S) 175 °C MOSFET
Rev. G, 22-Mar-10
SIDR5102EP VISHAY-SIDR5102EP Datasheet
181Kb / 7P
   N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBM1101N VBSEMI-VBM1101N_V01 Datasheet
554Kb / 7P
   N-Channel 100-V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SUM60N10-17 VISHAY-SUM60N10-17_08 Datasheet
113Kb / 6P
   N-Channel 100-V (D-S) 175 °C MOSFET
Rev. B, 02-Jun-08
SUP85N10-10 VISHAY-SUP85N10-10_06 Datasheet
104Kb / 6P
   N-Channel 100-V (D-S) 175 °C MOSFET
Rev. D, 12-Jun-06
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com