データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SBYV28-200 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SBYV28-200
部品情報  Soft Recovery Ultrafast Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBYV28-200 データシート(HTML) 1 Page - Vishay Siliconix

  SBYV28-200 Datasheet HTML 1Page - Vishay Siliconix SBYV28-200 Datasheet HTML 2Page - Vishay Siliconix SBYV28-200 Datasheet HTML 3Page - Vishay Siliconix SBYV28-200 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SBYV28-50 thru SBYV28-200
Vishay General Semiconductor
Document Number: 88737
Revision: 20-Aug-07
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Soft Recovery Ultrafast Plastic Rectifier
FEATURES
• Glass passivated chip junction
• Ultrafast reverse recovery time
• Low forward voltage drop
• Low leakage current
• Low switching losses, high efficiency
• High forward surge capability
• Solder dip 260 °C, 40 s
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
For
use
in
high
frequency
rectification
and
freewheeling application in switching mode converters
and
inverters
for
consumer,
computer
and
telecommunication.
MECHANICAL DATA
Case: DO-201AD
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
3.5 A
VRRM
50 V to 200 V
IFSM
90 A
trr
20 ns
VF
0.89 V
TJ max.
150 °C
DO-201AD
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SBYV28-50
SBYV28-100 SBYV28-150 SBYV28-200
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
V
Maximum RMS voltage
VRMS
35
70
105
140
V
Maximum DC blocking voltage
VDC
50
100
150
200
V
Minimum reverse breakdown voltage at 100 µA
VBR
55
110
165
220
V
Maximum average forward rectified current
0.375" (9.5 mm) lead lengths at TL = 85 °C
IF(AV)
3.5
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
90
A
Operating and storage temperature range
TJ, TSTG
- 55 to + 150
°C


同様の部品番号 - SBYV28-200

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SBYV28-200 VISHAY-SBYV28-200 Datasheet
22Kb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
11-Feb-02
SBYV28-200 VISHAY-SBYV28-200 Datasheet
70Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 22-Oct-09
logo
Shenzhen Taychipst Elec...
SBYV28-200 TAYCHIPST-SBYV28-200 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
SUNMATE electronic Co.,...
SBYV28-200 SUNMATE-SBYV28-200 Datasheet
172Kb / 2P
   3.0A Axial Leaded Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV28-200 VISHAY-SBYV28-200 Datasheet
78Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
More results

同様の説明 - SBYV28-200

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50_07 Datasheet
97Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
SBYV27-50 VISHAY-SBYV27-50_09 Datasheet
71Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 22-Oct-09
logo
Shenzhen Taychipst Elec...
SBYV28-50 TAYCHIPST-SBYV28-50 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV28-50 VISHAY-SBYV28-50_09 Datasheet
70Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 22-Oct-09
UF5400 VISHAY-UF5400_07 Datasheet
71Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 23-Oct-09
SBYV28-50 VISHAY-SBYV28-50_V01 Datasheet
78Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
SBYV27-50 VISHAY-SBYV27-50 Datasheet
21Kb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
14-May-03 1
logo
Shenzhen Taychipst Elec...
SBYV27-50 TAYCHIPST-SBYV27-50 Datasheet
15Mb / 2P
   Soft Recovery Ultrafast Plastic Rectifier
logo
Vishay Siliconix
SBYV27-50 VISHAY-SBYV27-50_V01 Datasheet
75Kb / 5P
   Soft Recovery Ultrafast Plastic Rectifier
01-Jan-2022
UF5400 VISHAY-UF5400 Datasheet
97Kb / 4P
   Soft Recovery Ultrafast Plastic Rectifier
Revision: 20-Aug-07
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com