データシートサーチシステム |
|
SD101BWS-V データシート(PDF) 1 Page - Vishay Siliconix |
|
SD101BWS-V データシート(HTML) 1 Page - Vishay Siliconix |
1 / 5 page SD101AWS-V/101BWS-V/101CWS-V Document Number 85680 Rev. 1.6, 15-Sep-06 Vishay Semiconductors www.vishay.com 1 20145 Small Signal Schottky Diodes Features • For general purpose applications • The SD101 series is a Metal-on-silicon Schottky barrier device which is protected by a PN junction guard ring • The low forward voltage drop and fast switching make it ideal for protection of MOS devices, steer- ing, biasing and coupling diodes for fast switching and low logic level applications • These diodes are also available in the Mini-MELF case with type designations LL101A to LL101C, in the DO35 case with type designations SD101A to SD101C and in the SOD123 case with type desig- nations SD101AW-V to SD101CW-V. • Lead (Pb)-free component • Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC Mechanical Data Case: SOD323 Plastic case Weight: approx. 4.3 mg Packaging Codes/Options: GS18/10 k per 13" reel (8 mm tape), 10 k/box GS08/3 k per 7" reel (8 mm tape), 15 k/box Parts Table Absolute Maximum Ratings Tamb = 25 °C, unless otherwise specified 1) Valid provided that electrodes are kept at ambient temperature Part Ordering code Type Marking Remarks SD101AWS-V SD101AWS-V-GS18 or SD101AWS-V-GS08 SA Tape and Reel SD101BWS-V SD101BWS-V-GS18 or SD101BWS-V-GS08 SB Tape and Reel SD101CWS-V SD101CWS-V-GS18 or SD101CWS-V-GS08 SC Tape and Reel Parameter Test condition Part Symbol Value Unit Peak inverse voltage SD101AWS-V VRRM 60 V SD101BWS-V VRRM 50 V SD101CWS-V VRRM 40 V Power dissipation (Infinite Heat Sink) Ptot 1501) mW Forward continuous current IF 30 mA Maximum single cycle surge 10 µs square wave IFSM 2A e3 |
同様の部品番号 - SD101BWS-V |
|
同様の説明 - SD101BWS-V |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |