データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SD1553C28S30K データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SD1553C28S30K
部品情報  Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1553C28S30K データシート(HTML) 1 Page - Vishay Siliconix

  SD1553C28S30K Datasheet HTML 1Page - Vishay Siliconix SD1553C28S30K Datasheet HTML 2Page - Vishay Siliconix SD1553C28S30K Datasheet HTML 3Page - Vishay Siliconix SD1553C28S30K Datasheet HTML 4Page - Vishay Siliconix SD1553C28S30K Datasheet HTML 5Page - Vishay Siliconix SD1553C28S30K Datasheet HTML 6Page - Vishay Siliconix SD1553C28S30K Datasheet HTML 7Page - Vishay Siliconix SD1553C28S30K Datasheet HTML 8Page - Vishay Siliconix SD1553C28S30K Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document Number: 93169
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
1
Fast Recovery Diodes
(Hockey PUK Version), 1650/1825 A
SD1553C..K Series
Vishay High Power Products
FEATURES
• High power FAST recovery diode series
• 2.0 to 3.0 µs recovery time
• High voltage ratings up to 3000 V
• High current capability
• Optimized turn-on and turn-off characteristics
• Low forward recovery
• Fast and soft reverse recovery
• Press PUK encapsulation
• Case style conform to JEDEC DO-200AC (K-PUK)
• Maximum junction temperature 150 °C
• Lead (Pb)-free
TYPICAL APPLICATIONS
• Snubber diode for GTO
• High voltage freewheeling diode
• Fast recovery rectifier applications
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IF(AV)
1650/1825 A
DO-200AC (K-PUK)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
SD1553C..K
UNITS
S20
S30
IF(AV)
1825
1650
A
Ths
55
55
°C
IF(RMS)
3100
2800
A
IFSM
50 Hz
25 000
22 000
60 Hz
26 180
23 000
VRRM
Range
1800 to 2500
1800 to 3000
V
trr
2.0
3.0
µs
TJ
25
°C
TJ
- 40 to 150
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
SD1553C..S20K
18
1800
1900
75
22
2200
2300
25
2500
2600
SD1553C..S30K
18
1800
1900
22
2200
2300
25
2500
2600
28
2800
2900
30
3000
3100


同様の部品番号 - SD1553C28S30K

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SD1553C28S30K VISHAY-SD1553C28S30K Datasheet
291Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 14-May-08
More results

同様の説明 - SD1553C28S30K

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SD1553C18S20K VISHAY-SD1553C18S20K_12 Datasheet
291Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 14-May-08
VS-SD1553CK VISHAY-VS-SD1553CK Datasheet
329Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 1650/1825 A
Revision: 15-Apr-14
VS-SD1553CK VISHAY-VS-SD1553CK_V01 Datasheet
311Kb / 7P
   Fast Recovery Diodes (Hockey PUK Version), 1650 A, 1825 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com